Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XCSDM480105 Datasheet(PDF) 2 Page - Schneider Electric

Part # XCSDM480105
Description  coded magnetic system XCSDM4 - SIL 3 - 2 PNP outputs - cable 5m
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XCSDM480105 Datasheet(HTML) 2 Page - Schneider Electric

  XCSDM480105 Datasheet HTML 1Page - Schneider Electric XCSDM480105 Datasheet HTML 2Page - Schneider Electric XCSDM480105 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Tightening torque
< 1.8 N.m
Installed device
32 maximum with 2 m long cable
Marking
CE
Safety level
Category 4 correctly wired conforming to EN/ISO 13849-1
PL = e correctly wired conforming to EN/ISO 13849-1
SIL 3 correctly wired conforming to EN/IEC 61508
Safety reliability data
HFT = 1
MTTFd = 182 years
PFD = 1.15E-5
PFH = 3.94E-9
SF = 92.5 %
Enclosure material
Thermoplastic PBT
Cable material
PVC
Depth
32 mm
Height
100 mm
Width
34 mm
Net weight
0.48 kg
Environment
Standards
EN/IEC 60947-5-3
EN 13849-1
EN/IEC 60947-5-2
EN/IEC 62061
EN/IEC 60947-5-1
ISO 14119
IEC 61508
Product certifications
CSA
UL
TÜV
Ambient air temperature for operation
-25…70 °C
Ambient air temperature for storage
-40…85 °C
Vibration resistance
10 gn (f= 10…500 Hz) conforming to IEC 60068-2-6
Shock resistance
30 gn for 11 ms conforming to IEC 60068-2-27
Maximum sensitivity to magnetic fields
0.5 mT
Electrical shock protection class
Class III conforming to EN/IEC 61140
IP degree of protection
IP66 conforming to IEC 60529
IP67 conforming to IEC 60529
IP69K conforming to DIN 40050
Packing Units
Unit Type of Package 1
PCE
Number of Units in Package 1
1
Package 1 Weight
519 g
Package 1 Height
4 cm
Package 1 width
16 cm
Package 1 Length
18 cm
Unit Type of Package 2
S02
Number of Units in Package 2
10
Package 2 Weight
5.628 kg
Package 2 Height
15 cm
Package 2 width
30 cm
Package 2 Length
40 cm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com