Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XCSDMC7912 Datasheet(PDF) 1 Page - Schneider Electric

Part # XCSDMC7912
Description  coded magnetic switch XCSDMC - 2 NC - staggered - 2m
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XCSDMC7912 Datasheet(HTML) 1 Page - Schneider Electric

  XCSDMC7912 Datasheet HTML 1Page - Schneider Electric XCSDMC7912 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Feb 8, 2021
1
Product data sheet
Characteristics
XCSDMC7912
coded magnetic switch XCSDMC - 2 NC -
staggered - 2m
Main
Range of product
Preventa Safety detection
Product or component
type
Coded magnetic switch
Component name
XCSDMC
Design
Rectangular, compact
Size
51 x 16 x 7 mm
Contacts type and
composition
2 NC
Contact operation
Staggered
Material
Plastic
Electrical connection
Pre-cabled
Cable composition
4 x 0.25 mm²
Cable length
2 m
Number of poles
2
Local signalling
1 LED
Approach directions
3 directions
[Ue] rated operational
voltage
24 V DC
[Ui] rated insulation
voltage
100 V DC
Complementary
[Sa] assured operating distance
5 mm
[Sar] assured tripping distance
15 mm
Maximum [Ie] rated operational current
100 mA
[Uimp] rated impulse withstand voltage
2.5 kV EN/IEC 60947-5-1
Resistance across terminals
57 Ohm
Short-circuit protection
500 mA external cartridge fuse type gG (gl)
Contacts material
Rhodium
Electrical durability
1200000 cycles
Maximum switching voltage
100 V DC
Switching capacity in mA
5...100 mA
Insulation resistance
1000 MOhm
Breaking capacity
3 VA
Switching frequency
150 Hz
Safety level
Can reach category 4 with the appropriate monitoring system and correctly wired
conforming to EN/ISO 13849-1
Can reach PL = e with the appropriate monitoring system and correctly wired
conforming to EN/ISO 13849-1
Can reach SIL 3 with the appropriate monitoring system and correctly wired
conforming to EN/IEC 61508
Safety reliability data
B10d = 50000000 value given for a life time of 20 years limited by mechanical or
contact wear
Enclosure material
Thermoplastic PBT
Cable material
PVC
Depth
7 mm
Height
51 mm
Width
16 mm
Net weight
0.101 kg


Similar Part No. - XCSDMC7912

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XCSDMC79110 SCHNEIDER-XCSDMC79110 Datasheet
94Kb / 2P
coded magnetic switch XCSDMC - 2 NC - staggered - 10m
Feb 8, 2021
XCSDMC791L01M8 SCHNEIDER-XCSDMC791L01M8 Datasheet
79Kb / 2P
coded magnetic switch XCSDMC - 2 NC - staggered - M8 0.15m
Feb 8, 2021
More results

Similar Description - XCSDMC7912

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XCSDMC790L01M8 SCHNEIDER-XCSDMC790L01M8 Datasheet
79Kb / 2P
coded magnetic switch XCSDMC - 2 NC - staggered - M8 0.15m
Feb 8, 2021
XCSDMC791L01M8 SCHNEIDER-XCSDMC791L01M8 Datasheet
79Kb / 2P
coded magnetic switch XCSDMC - 2 NC - staggered - M8 0.15m
Feb 8, 2021
XCSDMC5902 SCHNEIDER-XCSDMC5902 Datasheet
86Kb / 2P
coded magnetic switch XCSDMC - 1 NC 1 NO - staggered - 2m
Feb 8, 2021
XCSDMC5912 SCHNEIDER-XCSDMC5912 Datasheet
93Kb / 2P
coded magnetic switch XCSDMC - 1 NC 1 NO - staggered - 2m
Feb 8, 2021
XCSDMC7902 SCHNEIDER-XCSDMC7902 Datasheet
86Kb / 2P
coded magnetic switch XCSDMC - 2 NC - staggered - 2m
Feb 8, 2021
XCSDMC7905 SCHNEIDER-XCSDMC7905 Datasheet
86Kb / 2P
coded magnetic switch XCSDMC - 2 NC - staggered - 5m
Feb 8, 2021
XCSDMC79010 SCHNEIDER-XCSDMC79010 Datasheet
86Kb / 2P
coded magnetic switch XCSDMC - 2 NC - staggered - 10m
Feb 8, 2021
XCSDMC79110 SCHNEIDER-XCSDMC79110 Datasheet
94Kb / 2P
coded magnetic switch XCSDMC - 2 NC - staggered - 10m
Feb 8, 2021
XCSDMP7902 SCHNEIDER-XCSDMP7902 Datasheet
79Kb / 2P
coded magnetic switch XCSDMP - 2 NC - staggered - 2m
Feb 8, 2021
XCSDMP7912 SCHNEIDER-XCSDMP7912 Datasheet
92Kb / 2P
coded magnetic switch XCSDMP - 2 NC - staggered - 2m
Feb 8, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com