Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GLS86FC008G9 Datasheet(PDF) 4 Page - Greenliant systems

Part # GLS86FC008G9
Description  Industrial Grade mSATA ArmourDrive EX Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLIANT [Greenliant systems]
Direct Link  https://www.greenliant.com/
Logo GREENLIANT - Greenliant systems

GLS86FC008G9 Datasheet(HTML) 4 Page - Greenliant systems

  GLS86FC008G9 Datasheet HTML 1Page - Greenliant systems GLS86FC008G9 Datasheet HTML 2Page - Greenliant systems GLS86FC008G9 Datasheet HTML 3Page - Greenliant systems GLS86FC008G9 Datasheet HTML 4Page - Greenliant systems GLS86FC008G9 Datasheet HTML 5Page - Greenliant systems GLS86FC008G9 Datasheet HTML 6Page - Greenliant systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Factsheet 01.000
August 2019
These specifications are subject to change without notice.
08/12/2019
© 2019 Greenliant
4
S71476-01
GLS86FC008G9 / 016G9 / 032G9 / 064G9
Industrial Grade mSATA ArmourDrive™ EX Series
3.0
APPENDIX
3.1
Product Ordering Information
GLS 86 FC
xxx
G9 - I - BN0xx
XX XX
XXX XX - X - XXXXX
Ordering Code
BN0xx = mSATA AmourDrive Revision
Operating Temperature
I = Industrial: -40°C to +85°C
NAND Configuration
9 = 1 bit per cell
GByte Designator
G = GByte
Capacity
008 = 8 GByte
016 = 16 GByte
032 = 32 GByte
064 = 64 GByte
Product Generation
C = Generation
Form Factor
F = Full length (mSATA)
Product Family
86 = mSATA ArmourDrive
Valid Combinations
Valid product combinations are those that are in the mass production or will be in the mass production. Consult
your Greenliant sales representative to confirm availability of the valid combinations and to determine availability
of new product combinations.
Table 3-1:
Capacity
Operating Temperature
Part Number
Form Factor
8GB
Industrial (-40°C to 85°C)
GLS86FC008G9-I-BN009
JEDEC MO-300 (full length)
16GB
Industrial (-40°C to 85°C)
GLS86FC016G9-I-BN009
JEDEC MO-300 (full length)
32GB
Industrial (-40°C to 85°C)
GLS86FC032G9-I-BN009
JEDEC MO-300 (full length)
64GB
Industrial (-40°C to 85°C)
GLS86FC064G9-I-BN009
JEDEC MO-300 (full length)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com