Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GLS37VF010 Datasheet(PDF) 4 Page - Greenliant systems

Part # GLS37VF010
Description  Many-Time Programmable Flash
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLIANT [Greenliant systems]
Direct Link  https://www.greenliant.com/
Logo GREENLIANT - Greenliant systems

GLS37VF010 Datasheet(HTML) 4 Page - Greenliant systems

  GLS37VF010 Datasheet HTML 1Page - Greenliant systems GLS37VF010 Datasheet HTML 2Page - Greenliant systems GLS37VF010 Datasheet HTML 3Page - Greenliant systems GLS37VF010 Datasheet HTML 4Page - Greenliant systems GLS37VF010 Datasheet HTML 5Page - Greenliant systems GLS37VF010 Datasheet HTML 6Page - Greenliant systems GLS37VF010 Datasheet HTML 7Page - Greenliant systems GLS37VF010 Datasheet HTML 8Page - Greenliant systems GLS37VF010 Datasheet HTML 9Page - Greenliant systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
Data Sheet
1 Mbit / 2 Mbit / 4 Mbit Many-Time Programmable Flash
GLS37VF010 / GLS37VF020 / GLS37VF040
©2010 Greenliant Systems, Ltd.
S71151-11-000
05/10
FIGURE 4: Pin Assignments for 32-pin PDIP
Note: X = VIL or VIH (or VH in case of OE# and A9)
VH = 11.4-12V
TABLE 2: Pin Description
Symbol
Pin Name
Functions
AMS1-A0
1. AMS = Most significant address
AMS = A16 for GLS37VF010, A17 for GLS37VF020, and A18 for GLS37VF040
Address Inputs
To provide memory addresses.
DQ7-DQ0
Data Input/output
To output data during Read cycles and receive input data during Program cycles.
The outputs are in tri-state when OE# or CE# is high.
CE#
Chip Enable
To activate the device when CE# is low.
WE#
Write Enable
To program or erase (WE# = VIL pulse during Program or Erase)
OE#
Output Enable
To gate the data output buffers during Read operation when low
VDD
Power Supply
To provide 3.0V supply (2.7-3.6V)
VSS
Ground
NC
No Connection
Unconnected pins.
T2.1 1151
TABLE 3: Operation Modes Selection
Mode
CE#
WE#
A9
OE#
DQ
Address
Read
VIL
VIH
AIN
VIL
DOUT
AIN
Output Disable
VIL
XX
VIH
High Z
AIN
Standby
VIH
X
X
X
High Z
X
Chip-Erase
VIL
VIL
VH
VH
High Z
X
Byte-Program
VIL
VIL
AIN
VH
DIN
AIN
Program/Erase Inhibit
X
VIH
X
X
High Z
X
XX
X
VIL or VIH
High Z/ DOUT
X
Product Identification
VIL
VIH
VH
VIL
Manufacturer’s ID (BFH)
Device ID1
1. Device ID = C5H for GLS37VF020, C6H for GLS37VF020, and C2H for GLS37VF040
AMS2 - A1=VIL, A0=VIL
AMS2 - A1=VIL, A0=VIH
2. AMS = Most significant address
AMS = A16 for GLS37VF010, A17 for GLS37VF020, and A18 for GLS37VF040
T3.2 1151
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32-pin
PDIP
Top View
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
VDD
WE#
NC
A14
A13
A8
A9
A11
OE#
A10
CE#
DQ7
DQ6
DQ5
DQ4
DQ3
VDD
WE#
A17
A14
A13
A8
A9
A11
OE#
A10
CE#
DQ7
DQ6
DQ5
DQ4
DQ3
VDD
WE#
A17
A14
A13
A8
A9
A11
OE#
A10
CE#
DQ7
DQ6
DQ5
DQ4
DQ3
GLS37VF010 GLS37VF020 GLS37VF040
GLS37VF040 GLS37VF020 GLS37VF010
NC
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
NC
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
A18
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
1151 32-pdip P02b
.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com