Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GLS86FC008G8 Datasheet(PDF) 5 Page - Greenliant systems

Part # GLS86FC008G8
Description  Industrial Grade mSATA ArmourDrive EX Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLIANT [Greenliant systems]
Direct Link  https://www.greenliant.com/
Logo GREENLIANT - Greenliant systems

GLS86FC008G8 Datasheet(HTML) 5 Page - Greenliant systems

  GLS86FC008G8 Datasheet HTML 1Page - Greenliant systems GLS86FC008G8 Datasheet HTML 2Page - Greenliant systems GLS86FC008G8 Datasheet HTML 3Page - Greenliant systems GLS86FC008G8 Datasheet HTML 4Page - Greenliant systems GLS86FC008G8 Datasheet HTML 5Page - Greenliant systems GLS86FC008G8 Datasheet HTML 6Page - Greenliant systems GLS86FC008G8 Datasheet HTML 7Page - Greenliant systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Factsheet 02.000
January 2020
These specifications are subject to change without notice.
01/03/2020
© 2020 Greenliant
5
S71468-01
GLS FS0019 Rev. 00
GLS86FCxxxG1 / GLS86FCxxxG8
Industrial Grade mSATA ArmourDrive™ EX Series
Valid Combinations
Valid product combinations are those that are in the mass production or will be in the mass production. Consult
your Greenliant sales representative to confirm availability of the valid combinations and to determine availability
of new product combinations.
Table 3-1:
Capacity
Operating Temperature
Part Number
Form Factor
4GB
Industrial (-40°C to 85°C)
GLS86FC004G1-I-BN007
JEDEC MO-300 (full length)
8GB
Industrial (-40°C to 85°C)
GLS86FC008G1-I-BN007
JEDEC MO-300 (full length)
GLS86FC008G8-I-BN008
16GB
Industrial (-40°C to 85°C)
GLS86FC016G1-I-BN007
JEDEC MO-300 (full length)
GLS86FC016G8-I-BN008
32GB
Industrial (-40°C to 85°C)
GLS86FC032G1-I-BN007
JEDEC MO-300 (full length)
GLS86FC032G8-I-BN008
64GB
Industrial (-40°C to 85°C)
GLS86FC064G1-I-BN007
JEDEC MO-300 (full length)
GLS86FC064G8-I-BN008
128GB
Industrial (-40°C to 85°C)
GLS86FC128G1-I-BN007
JEDEC MO-300 (full length)
GLS86FC128G8-I-BN008



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com