Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GLS86FC128G1 Datasheet(PDF) 1 Page - Greenliant systems

Part # GLS86FC128G1
Description  Industrial Grade mSATA ArmourDrive EX Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLIANT [Greenliant systems]
Direct Link  https://www.greenliant.com/
Logo GREENLIANT - Greenliant systems

GLS86FC128G1 Datasheet(HTML) 1 Page - Greenliant systems

  GLS86FC128G1 Datasheet HTML 1Page - Greenliant systems GLS86FC128G1 Datasheet HTML 2Page - Greenliant systems GLS86FC128G1 Datasheet HTML 3Page - Greenliant systems GLS86FC128G1 Datasheet HTML 4Page - Greenliant systems GLS86FC128G1 Datasheet HTML 5Page - Greenliant systems GLS86FC128G1 Datasheet HTML 6Page - Greenliant systems GLS86FC128G1 Datasheet HTML 7Page - Greenliant systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Factsheet 02.000
January 2020
These specifications are subject to change without notice.
01/03/2020
© 2020 Greenliant
1
S71468-01
GLS FS0019 Rev. 00
GLS86FCxxxG1 / GLS86FCxxxG8
Industrial Grade mSATA ArmourDrive™ EX Series
Features
• Industry Standard SATA Host Interface
–
SATA 1.5Gb/s, 3Gb/s and 6Gb/s
–
SATA Revision 3.2
–
ATA/ATAPI-8 compliant
–
Supports 48-bit address feature set
–
Native Command Queuing (NCQ)
up to 32 commands
• Performance
–
Sequential data read: Up to 470 MB/s
–
Sequential data write: Up to 340 MB/s
(measured using 128KB transfer size)
• Power Management
–
3.3V power supply
–
Host initialized power management (HIPM)
–
Device initialized power management (DIPM)
• Power Consumption
–
Active mode:
128GB: Up to 2180mW
64GB: Up to 1800mW
32GB: Up to 1980mW
16GB: Up to 1540mW
8GB: Up to 1200mW
4GB: Up to 1200mW
–
Idle / Standby mode: <355mW
–
DevSleep mode: <70mW
• Reliability
–
Mean Time Between Failures (MTBF):
2 million hours*
• Expanded Data Protection
–
Added data security through user-selectable
protection zones
–
Secure Erase (data sanitization)
• 20-Byte Serial Number
–
Factory pre-programmed unique ID
–
User-programmable 10-Byte ID
• Supports TRIM and SMART Commands
• Robust Built-in ECC
• Thermal Throttling
• NAND Configuration
–
1 bit per cell (SLC)
–
Designed with Greenliant’s advanced
EnduroSLC™ Technology
• High Endurance
–
GLS86FCxxxG1: 50K P/E cycles
–
GLS86FCxxxG8: 100K P/E cycles
• Operating Temperature Range
–
Industrial: -40°C to 85°C
• JEDEC standard MO-300 mSATA form factor
–
29.85 mm x 50.80 mm x 4.85 mm
• All Devices are RoHS Compliant
*Estimate based on preliminary component reliability data
Product Description
The GLS86FC004G1 / 008G1 / 016G1 / 032G1 /
064G1 / 128G1 / 008G8 / 016G8 / 032G8 / 064G8 /
128G8
Industrial
Grade
miniSATA
(mSATA)
ArmourDrive™ EX Series modules (referred to as
“mSATA ArmourDrive” in this factsheet) are high-
endurance, high-reliability solid state drives. They
include a 4 8, 16, 32, 64 or 128 GByte SATA
NANDrive™ on a printed circuit board (PCB).
mSATA ArmourDrive is ideal for applications that
require removable form factor and more reliable data
storage. mSATA solid state storage technology is
widely used in industrial computers, set-top boxes,
test
and
measurement
instrumentation,
multi-
functional printers, medical equipment, security and
surveillance systems, network servers and digital
signage. These removable solid state drives (SSDs)
surpass traditional hard disk drives (HDDs) in their
small size, security, reliability, ruggedness and low
power consumption.
The NAND flash controller with built-in advanced
NAND management firmware communicates with the
host through the standard SATA protocol. It does not
require any additional or proprietary software such as
the Flash File System (FFS) and Memory Technology
Driver (MTD). The firmware effectively optimizes the
use of NAND flash memory’s program/erase (P/E)
cycles and minimizes write amplification.
mSATA ArmourDrive is pre-programmed with a 10-
Byte unique serial ID
and has the option of
programming an additional 10-Byte serial ID for even
greater system security.
mSATA ArmourDrive’s advanced NAND management
technology
improves
endurance,
enhances
data
security and helps prevent data corruption during
unexpected power failure events. This innovative
technology combines robust NAND flash controller
hardware error correction capabilities with advanced
wear-leveling algorithms and bad block management
to improve data reliability and significantly extend the
life of the product.
mSATA ArmourDrive is available in a standard
JEDEC 52-pin PCB module form factor.


Similar Part No. - GLS86FC128G1

ManufacturerPart #DatasheetDescription
logo
Greenliant systems
GLS86FC008G9 GREENLIANT-GLS86FC008G9 Datasheet
431Kb / 6P
Industrial Grade mSATA ArmourDrive EX Series
GLS86FC008G9-I-BN009 GREENLIANT-GLS86FC008G9-I-BN009 Datasheet
431Kb / 6P
Industrial Grade mSATA ArmourDrive EX Series
GLS86FC016G2 GREENLIANT-GLS86FC016G2 Datasheet
430Kb / 6P
Industrial Temp mSATA ArmourDrive MX Series
GLS86FC016G9-I-BN009 GREENLIANT-GLS86FC016G9-I-BN009 Datasheet
431Kb / 6P
Industrial Grade mSATA ArmourDrive EX Series
GLS86FC032G9-I-BN009 GREENLIANT-GLS86FC032G9-I-BN009 Datasheet
431Kb / 6P
Industrial Grade mSATA ArmourDrive EX Series
More results

Similar Description - GLS86FC128G1

ManufacturerPart #DatasheetDescription
logo
Greenliant systems
GLS86FC008G9 GREENLIANT-GLS86FC008G9 Datasheet
431Kb / 6P
Industrial Grade mSATA ArmourDrive EX Series
GLS86FA008G1 GREENLIANT-GLS86FA008G1 Datasheet
478Kb / 7P
Industrial Grade mSATA ArmourDrive
GLS91CAXXXG1 GREENLIANT-GLS91CAXXXG1 Datasheet
121Kb / 7P
Industrial Grade CFast ArmourDrive EX Series
GLS91CA008G9 GREENLIANT-GLS91CA008G9 Datasheet
119Kb / 6P
Industrial Grade CFast ArmourDrive EX Series
GLS89SAXXXG1 GREENLIANT-GLS89SAXXXG1 Datasheet
128Kb / 6P
Industrial Grade SATA 2.5 ArmourDrive EX Series
GLS89SA016G9 GREENLIANT-GLS89SA016G9 Datasheet
127Kb / 6P
Industrial Grade SATA 2.5 ArmourDrive EX Series
GLS87AAXXXG9 GREENLIANT-GLS87AAXXXG9 Datasheet
245Kb / 8P
Industrial Grade SATA M.2 ArmourDrive EX Series
GLS87AAXXXG1 GREENLIANT-GLS87AAXXXG1 Datasheet
247Kb / 8P
Industrial Grade SATA M.2 ArmourDrive EX Series
GLS86FPXXXX3 GREENLIANT-GLS86FPXXXX3 Datasheet
438Kb / 7P
Industrial / Commercial Temp mSATA ArmourDrive
GLS86FC016G2 GREENLIANT-GLS86FC016G2 Datasheet
430Kb / 6P
Industrial Temp mSATA ArmourDrive MX Series
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com