Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LWT809-S Datasheet(PDF) 4 Page - Seoul Semiconductor

Part # LWT809-S
Description  Applicable for automotive interior light
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

LWT809-S Datasheet(HTML) 4 Page - Seoul Semiconductor

  LWT809-S Datasheet HTML 1Page - Seoul Semiconductor LWT809-S Datasheet HTML 2Page - Seoul Semiconductor LWT809-S Datasheet HTML 3Page - Seoul Semiconductor LWT809-S Datasheet HTML 4Page - Seoul Semiconductor LWT809-S Datasheet HTML 5Page - Seoul Semiconductor LWT809-S Datasheet HTML 6Page - Seoul Semiconductor LWT809-S Datasheet HTML 7Page - Seoul Semiconductor LWT809-S Datasheet HTML 8Page - Seoul Semiconductor LWT809-S Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
www.seoulsemicon.com
Product Data Sheet
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
4
글씨체는 : Arial, 10pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
LWT809-S
– 809 Series White
Rev1.1, Sep, 2019
Performance Characteristics
 전기적 특성 및 광 특성 스펙 테이블
Table 2. Absolute Maximum Ratings
Notes :
(1) A zener diode is included for ESD Protection.
LED’s properties might be different from suggested values like above and below tables if
operation condition will be exceeded our parameter range. Care is to be taken that power
dissipation does not exceed the absolute maximum rating of the product.
All measurements were made under the standardized environment of Seoul Semiconductor.
Parameter
Symbol
Value
Unit
Power Dissipation (T
a=25℃)
P
d
72
mW
Forward Current (T
a=25℃)
I
F
20
mA
Peak Forward Current
(t≤ 10μsec,D≤5/1000,T
a=25℃)
I
FM
300
mA
Operating Temperature
T
opr
-40 ~ +100
Storage Temperature
T
stg
-40 ~ +100
Junction Temperature
T
j
110
Soldering Temperature
T
sld
Reflow Soldering : 260 ℃ for 10sec.
Hand Soldering : 315 ℃ for 4sec.
ESD (HBM)
(
R=1.5kΩ, C=100pF)
Class 2
(JESD22-A114-E)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com