Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP47C201P Datasheet(PDF) 17 Page - Toshiba Semiconductor

Part # TMP47C201P
Description  CMOS 4-bit Microcontroller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP47C201P Datasheet(HTML) 17 Page - Toshiba Semiconductor

Back Button TMP47C201P Datasheet HTML 13Page - Toshiba Semiconductor TMP47C201P Datasheet HTML 14Page - Toshiba Semiconductor TMP47C201P Datasheet HTML 15Page - Toshiba Semiconductor TMP47C201P Datasheet HTML 16Page - Toshiba Semiconductor TMP47C201P Datasheet HTML 17Page - Toshiba Semiconductor TMP47C201P Datasheet HTML 18Page - Toshiba Semiconductor TMP47C201P Datasheet HTML 19Page - Toshiba Semiconductor TMP47C201P Datasheet HTML 20Page - Toshiba Semiconductor TMP47C201P Datasheet HTML 21Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
TOSHIBA CORPORATION
17/32
TMP47C101/201
Figure 2-21. Interrupt Controller Block Diagram
(1)
Interrupt enable master flip-flop (EIF)
The EIF controls the enable/disable of all interrupts.
When this flip-flop is cleared to “0”, all interrupts are
disabled; when it is set to “1”, the interrupts are
enabled.
When an interrupt is accepted, the EIF is cleared to
“0”, temporarily disabling the acceptance of subse-
quent interrupts.
When the interrupt service program has been exe-
cuted, the EIF is set to “1” by the execution of the
interrupt return instruction [RETI], being put in the
enabled state again.
Set or clear of the EIF in program is performed by
instruction [EICLR IL, r] and [DICLR IL, R], respectively.
The EIF is initialized to “0” during reset.
(2)
Interrupt enable register (EIR)
The EIR is a 4-bit register specifies the enable or dis-
able of each interrupt except INT1. An interrupt is
enabled when the corresponding bit of the EIR is “1”,
and an interrupt is disabled when the corresponding
bit of the EIR is “0”. Bit 1 of the EIR (EIR1) is shared by
both IOVF2 and ITMR interrupts.
Read/write on the EIR is performed by executing [SCH
a, EIR] instruction. The EIR initialized to “0” during
reset.
(3)
Interrupt latch (IL5 through IL0)
An interrupt latch is provided for each interrupt source.
The IL is set to “1” when an interrupt request is made
to ask the CPU for accepting the interrupt. Each IL is
cleared to “0” upon acceptance of the interrupt. It is
initialized to “0” during reset.
The ILS can be cleared independently by interrupt
latch operation instructions ([EICLR IL, r], [DICLR IL, r],
and [CLR IL, r]) to make them cancel interrupt requests
or initialize by program. When the value of instruction
field (r) is “0”, the interrupt latch is cleared; when the
value is “1”, the IL is held. Note that the ILs cannot be
set by instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com