Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

07D301K Datasheet(PDF) 2 Page - HuaXinAn Electronics CO.,LTD

Part # 07D301K
Description  Metal Oxide Varistors (MOV)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

07D301K Datasheet(HTML) 2 Page - HuaXinAn Electronics CO.,LTD

  07D301K Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD 07D301K Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD 07D301K Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD 07D301K Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD 07D301K Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD 07D301K Datasheet HTML 6Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
07D Standard MOV
Electrical Characteristics
Part Number
Maximum Allowable
Voltage
Varistor
Voltage
Maximum
Clamping
Voltage
Max
Surge
Current
8/20μs
Maximum
Energy
(10/1000μs)
Typical
Capacitance
(Reference)
Safety
Certification
Standard MOV
VAC(V)
VDC(V)
V1mA(V) VC(V)AT 10A
Imax
(J)
1KHz(pf) UL / CUL VDE
07D180L
11
14
18(15.3~20.7)
36
250A
0.9
2800
√
√
07D220K
14
18
22(19.8~24.2)
43
250A
1.1
2300
√
√
07D270K
17
22
27(24.3~29.7)
53
250A
1.4
1800
√
√
07D330K
20
26
33(29.7~36.3)
66
250A
1.7
1500
√
√
07D390K
25
31
39(35.1~42.9)
77
250A
2.1
1300
√
√
07D470K
30
38
47(42.3~51.7)
93
250A
2.5
1100
√
√
07D560K
35
45
56(50.4~61.6)
100
250A
3.1
890
√
√
07D680K
40
56
68(61.2~74.8)
135
250A
3.6
740
√
√
07D820K
50
65
82(73.8~90.2)
135
1200A
5.0
600
√
√
07D101K
60
85
100(90~110)
165
1200A
6.5
500
√
√
07D121K
75
100
120(108~132)
200
1200A
7.8
420
√
√
07D151K
95
125
150(135~165)
250
1200A
9.7
330
√
√
07D181K
115
150
180(162~198)
300
1200A
11.7
280
√
√
07D201K
130
170
200(180~220)
340
1200A
13.0
250
√
√
07D221K
140
180
220(198~242)
360
1200A
14.0
230
√
√
07D241K
150
200
240(216~264)
395
1200A
15.0
210
√
√
07D271K
175
225
270(243~297)
455
1200A
18.0
185
√
√
07D301K
190
250
300(270~330)
500
1200A
20.0
165
√
√
07D331K
210
275
330(297~363)
550
1200A
23.0
150
√
√
07D361K
230
300
360(324~396)
595
1200A
25.0
140
√
√
07D391K
250
320
390(351~429)
650
1200A
25.0
130
√
√
07D431K
275
350
430(387~473)
710
1200A
28.0
115
√
√
07D471K
300
385
470(423~517)
775
1200A
30.0
105
√
√
07D511K
320
415
510(459~561)
845
1200A
30.0
100
√
√
07D561K
350
460
560(504~616)
925
1200A
30.0
90
√
√
07D621K
385
505
620(558~682)
1025
1200A
33.0
80
√
-
07D681K
420
560
680(612~748)
1120
1200A
33.0
75
√
-
07D751K
460
615
750(675~825)
1240
1200A
65.0
70
√
-
07D781K
485
640
780(702~858)
1290
1200A
65.0
70
√
-
07D821K
510
670
820(738~902)
1355
1200A
65.0
60
√
-



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com