Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CONB14NF-APT2 Datasheet(PDF) 2 Page - Carlo Gavazzi Holding AG

Part # CONB14NF-APT2
Description  General Accessories Connector Cables
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

CONB14NF-APT2 Datasheet(HTML) 2 Page - Carlo Gavazzi Holding AG

  CONB14NF-APT2 Datasheet HTML 1Page - Carlo Gavazzi Holding AG CONB14NF-APT2 Datasheet HTML 2Page - Carlo Gavazzi Holding AG CONB14NF-APT2 Datasheet HTML 3Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Specifications are subject to change without notice (12.04.2016)
CONB1...
Dimensions
Specifications
Rated operating voltage (U
B)
3 or 4 wire version
240V AC/DC
5 wire version
60V AC/DC
LED versions
30V AC/DC
Rated current
≤ 4 A
Contact resistance
≤ 5mΩ
Rated impulse voltage
3 or 4 wire
2.0KV
5 wire
1.5KV
Insulation resistance
> 109Ω
Cable outer diameter
PUR
3 wires
4.3 mm
4 wires
4.7 mm
5 wires
5.4 mm
PVC
3 wires
5 mm
4 wires
5 mm
5 wires
5.7 mm
Wire cross section
PUR
3 wires
0,34mm²
4 wires
0,34mm²
5 wires
0,50mm²
PVC
3 wires
0,34mm²
4 wires
0,25mm²
5 wires
0,34mm²
Contact material
CuSn
Contact plating
Cu/Au
Contact bearer material
TPU orange
Moulded body material
TPU translucent
O-ring sealing
FKM
Knurled nut
CuZn, nickel plated
Degree of protection
IP 67
Pollution degree
3
Pin IEC standard
IEC61076-2-101
Temperature
-40° to 90°C
Weight*
2 m version
approx 100 g
5 m version
approx 200 g
10 m version
approx 300 g
15 m version
approx 500
*varies depending on model
LED colour
Power
Green
Output
Yellow
Ø8.1
Ø14.5
42.9
“L”
1.5
Straight version
M12x1
1.5
12
12
26.5
Ø14.5
31
“L”
Angled version
M12x1
1.7
12
12
26.5
Ø14.5
31
“L”
Angled version LED
Ø8.1
Ø14.5
43.1
“L”
1.7
LEDs
Straight version LED



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com