Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT4356CS-3 Datasheet(PDF) 1 Page - Analog Devices

Part # LT4356CS-3
Description  Surge Stopper with Fault Latchoff
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4356CS-3 Datasheet(HTML) 1 Page - Analog Devices

  LT4356CS-3 Datasheet HTML 1Page - Analog Devices LT4356CS-3 Datasheet HTML 2Page - Analog Devices LT4356CS-3 Datasheet HTML 3Page - Analog Devices LT4356CS-3 Datasheet HTML 4Page - Analog Devices LT4356CS-3 Datasheet HTML 5Page - Analog Devices LT4356CS-3 Datasheet HTML 6Page - Analog Devices LT4356CS-3 Datasheet HTML 7Page - Analog Devices LT4356CS-3 Datasheet HTML 8Page - Analog Devices LT4356CS-3 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LT4356-3
1
Rev D
For more information www.analog.com
APPLICATIONS
FEATURES
DESCRIPTION
Surge Stopper with
Fault Latchoff
The LT®4356-3 surge stopper protects loads from high
voltage transients. It regulates the output during an
overvoltage event, such as load dump in automobiles, by
controlling the gate of an external N-channel MOSFET. The
output is limited to a safe value thereby allowing the loads
to continue functioning. The LT4356-3 also monitors the
voltage drop between the VCC and SNS pins to protect
against overcurrent faults. An internal amplifier limits
the current sense voltage to 50mV. In either fault condi-
tion, a timer is started inversely proportional to MOSFET
stress. If the timer expires, the FLT pin pulls low to warn
of an impending power down. If the condition persists,
the MOSFET is turned off, until the SHDN pin pulls low
momentarily.
The auxiliary amplifier may be used as a voltage detection
comparator or as a linear regulator controller driving an
external PNP pass transistor.
Back-to-back FETs can be used in lieu of a Schottky diode
for reverse input protection, reducing voltage drop and
power loss. The SHDN input turns off the part, including
the auxiliary amplifier, and reduces the quiescent current
to less than 7µA.
n
Automotive/Avionic Surge Protection
n
Hot Swap/Live Insertion
n
High Side Switch for Battery Powered Systems
n
Stops High Voltage Surges
n
Adjustable Output Clamp Voltage
n
Overcurrent Protection
n
Wide Operation Range: 4V to 80V
n
Reverse Input Protection to –60V
n
Low 7µA Shutdown Current
n
Adjustable Latchoff Fault Timer
n
Controls N-channel MOSFET
n
Shutdown Pin Withstands –60V to 100V
n
Fault Output Indication
n
Auxiliary Amplifier for Level Detection Comparator or
Linear Regulator Controller
n
Available in 12-Pin 4mm × 3mm DFN,
10-Pin MSOP, and 16-Pin SO Packages
4A, 12V Overvoltage Output Regulator
Overvoltage Protector Regulates Output at
27V During Transient
0.1µF
10
10m
IRLR2908
VIN
12V
43563 TA01
LT4356DE-3
GND
TMR
OUT
GATE
SNS
IN+
SHDN
AOUT
FAULT
VOUT
EN
FLT
UNDERVOLTAGE
FB
VCC
DC-DC
CONVERTER
GND
SHDN
VCC
4.99k
383k
100k
102k
100ms/DIV
LT4356-3TA01b
VIN
20V/DIV
VOUT
20V/DIV
80V INPUT SURGE
CTMR = 6.8µF
ILOAD = 500mA
27V ADJUSTABLE CLAMP
12V
12V
TYPICAL APPLICATION
All registered trademarks and trademarks are the property of their respective owners.


Similar Part No. - LT4356CS-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4356CS-3 LINER-LT4356CS-3 Datasheet
222Kb / 24P
Surge Stopper with Fault Latchoff
LT4356CS-3PBF LINER-LT4356CS-3PBF Datasheet
222Kb / 24P
Surge Stopper with Fault Latchoff
LT4356CS-3TR LINER-LT4356CS-3TR Datasheet
222Kb / 24P
Surge Stopper with Fault Latchoff
LT4356CS-3TRPBF LINER-LT4356CS-3TRPBF Datasheet
222Kb / 24P
Surge Stopper with Fault Latchoff
More results

Similar Description - LT4356CS-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4356-3 LINER-LT4356-3 Datasheet
222Kb / 24P
Surge Stopper with Fault Latchoff
LT4356MP-1 LINER-LT4356MP-1 Datasheet
206Kb / 20P
Surge Stopper
LT4356-3 LINER-LT4356-3_15 Datasheet
300Kb / 24P
Surge Stopper with Fault Latchoff
LT4356-1 LINER-LT4356-1_15 Datasheet
241Kb / 26P
Surge Stopper
LT4356-2 LINER-LT4356-2_15 Datasheet
241Kb / 26P
Surge Stopper
LT4356MP-1 LINER-LT4356MP-1_15 Datasheet
235Kb / 24P
Surge Stopper
LT4356MP-2 LINER-LT4356MP-2_15 Datasheet
235Kb / 24P
Surge Stopper
LTC4364-2 LINER-LTC4364-2_15 Datasheet
311Kb / 24P
Surge Stopper with Ideal Diode
logo
Linear Integrated Syste...
LT4356-1 LINEAR-LT4356-1 Datasheet
241Kb / 26P
Surge Stopper
logo
Analog Devices
LT4356-1 AD-LT4356-1 Datasheet
476Kb / 26P
Surge Stopper
01/20-REV.C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com