Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74ACT899QCX Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74ACT899QCX
Description  9-Bit Latchable Transceiver with Parity Generator/Checker
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74ACT899QCX Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button 74ACT899QCX Datasheet HTML 4Page - National Semiconductor (TI) 74ACT899QCX Datasheet HTML 5Page - National Semiconductor (TI) 74ACT899QCX Datasheet HTML 6Page - National Semiconductor (TI) 74ACT899QCX Datasheet HTML 7Page - National Semiconductor (TI) 74ACT899QCX Datasheet HTML 8Page - National Semiconductor (TI) 74ACT899QCX Datasheet HTML 9Page - National Semiconductor (TI) 74ACT899QCX Datasheet HTML 10Page - National Semiconductor (TI) 74ACT899QCX Datasheet HTML 11Page - National Semiconductor (TI) 74ACT899QCX Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VCC)
b
05V to a70V
DC Input Diode Current (IIK)
VI eb05V
b
20 mA
VI e VCC a 05V
a
20 mA
DC Input Voltage (VI)
b
05V to VCC a 05V
DC Output Diode Current (IOK)
VO eb05V
b
20 mA
VO e VCC a 05V
a
20 mA
DC Output Voltage (VO)
b
05V to VCC a 05V
DC Output Source
or Sink Current (IO)
g
50 mA
DC VCC or Ground Current
per Output Pin (ICC or IGND)
g
50 mA
Storage Temperature (TSTG)
b
65 Cto a150 C
DC Latch-Up Source or
Sink Current
g
300 mA
Junction Temperature (TJ)
CDIP
175 C
PDIP
140 C
Note 1
Absolute maximum ratings are those values beyond which damage
to the device may occur The databook specifications should be met without
exception to ensure that the system design is reliable over its power supply
temperature and outputinput loading variables National does not recom-
mend operation of FACTTM circuits outside databook specifications
Recommended Operating
Conditions
Supply Voltage (VCC)
’AC
20V to 60V
’ACT
45V to 55V
Input Voltage (VI)
0VtoVCC
Output Voltage (VO)
0VtoVCC
Operating Temperature (TA)
74ACACT
b
40 Cto a85 C
54ACT
b
55 Cto a125 C
Minimum Input Edge Rate DV Dt
’AC Devices
VIN from 30% to 70% of VCC
VCC
30V 45V 55V
125 mVns
Minimum Input Edge Rate DV Dt
’ACT Devices
VIN from 08V to 20V
VCC
45V 55V
125 mVns
Note
PLCC packaging is not recommended for applications requiring great-
er than 2000 temperature cycles from b40 Cto a125 C
DC Electrical Characteristics for ’AC Family Devices
74AC
74AC
Symbol
Parameter
VCC
TA ea25 C
TA e
Units
Conditions
(V)
b
40 Cto a85 C
Typ
Guaranteed Limits
VIH
Minimum High Level
30
15
21
21
VOUT e 01V
Input Voltage
45
225
315
315
V
or VCC b 01V
55
275
385
385
VIL
Maximum Low Level
30
15
09
09
VOUT e 01V
Input Voltage
45
225
135
135
V
or VCC b 01V
55
275
165
165
VOH
Minimum High Level
30
299
29
29
IOUT eb50 mA
Output Voltage
45
449
44
44
V
55
549
54
54
VIN e VIL or VIH
30
256
246
V
b
12 mA
45
386
376
IOH
b
24 mA
55
486
476
b
24 mA
VOL
Maximum Low Level
30
0002
01
01
IOUT e 50 mA
Output Voltage
45
0001
01
01
V
55
0001
01
01
VIN e VIL or VIH
30
036
044
12 mA
45
036
044
V
IOL
24 mA
55
036
044
24 mA
IIN
Maximum Input
55
g
01
g
10
m
A
VI e VCC GND
Leakage Current
(Note)
Maximum of 9 outputs loaded thresholds on input associated with output under test
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com