Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASLNH Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # ASLNH
Description  Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ASLNH Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button ASLNH Datasheet HTML 11Page - List of Unclassifed Manufacturers ASLNH Datasheet HTML 12Page - List of Unclassifed Manufacturers ASLNH Datasheet HTML 13Page - List of Unclassifed Manufacturers ASLNH Datasheet HTML 14Page - List of Unclassifed Manufacturers ASLNH Datasheet HTML 15Page - List of Unclassifed Manufacturers ASLNH Datasheet HTML 16Page - List of Unclassifed Manufacturers ASLNH Datasheet HTML 17Page - List of Unclassifed Manufacturers ASLNH Datasheet HTML 18Page - List of Unclassifed Manufacturers ASLNH Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 51 page
background image
30
ø30 ø30 Series Pilot Lights
Incandescent
Push-to-Check Pilot Lights (1W)
Package Quantity: 1
Shape
Lamp
Lamp Recep-
tacle
Part No.
➁ Lens/LED Color Code
Applicable Lamp
Push-to-Check
APN1*P
Without Lamp
BA9S
APN199P➁
C:
clear
G:
green
O:
orange
R:
red
S:
blue
W:
white
See page 75 for
lamps.
Incandescent
BA9S
APN1➂P➁
LS-*
Operating Voltage Code
Specify an operating voltage code in place of ➂ in the Part No.
➂ Operating Voltage Code
Input
66: 6V AC/DC
88: 12V AC/DC
33: 24V AC/DC
Full voltage
16: 100/110V AC
126: 120V AC
26: 200/220V AC
246: 240V AC
386: 380V AC
46: 400/440V AC
486: 480V AC
Transformer
Circuit Example
Dimensions
M
L
STOP
START
OLS
Push-to-Check
Pilot Light
M
Note: The lamp of the push-to-check pilot light is not connected to the contact
terminal. To connect, refer to the diagram on the left.
M3 Lamp Terminal Screw
M3.5 Terminal Screw
M3.5 Terminal
Screw
40
6 23
B: 96.5
23.5
A: 62.5
Panel Thickness 0.8 to 7.5
All dimensions in mm.
Push-to-Check
APN1*P
A: Full voltage
B: Transformer
(14/03/18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com