Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M62333P Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M62333P
Description  8-BIT 3CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62333P Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M62333P Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62333P Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62333P Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62333P Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62333P Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62333P Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
M62333P/FP
MITSUBISHI <STD. LINEAR ICs>
8-BIT 3CH I
2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
980714 rev.E ( / 6 )
M62338P/FP
MITSUBISHI ELECTRIC
Pin No.
Symbol
Function
8
6
7
5
1
2
3
SDA
SCL
Ao1
Vcc
GND
Serial data input terminal
Serial clock input terminal
Ao2
Ao3
8-bit resolution D-A converter output terminal
Power supply terminal
GND terminal
EXPLANATION OF TERMINALS
ABSOLUTE MAXIMUM RATING
Symbol
Vcc
Vin
Vo
Pd
Topr
Tstg
Supply voltage
Input voltage
Output voltage
Power dissipation
Operating temperature
Storage temperature
Parameter
Conditions
–0.3 to 7.0
–0.3 to Vcc+0.3
–20 to 85
–55 to 125
Unit
V
V
V
mW
Ratings
°C
417 (DIP) / 272 (FP)
–0.3 to Vcc+0.3
°C
ELECTRICAL CHARACTERISTICS (Vcc=+5V±10%,GND=0V,Ta=–20 to 85°C unless otherwise noted)
VAO
Buffer amplifier output
voltage range
IAO=±100µA
0.1
V
0.2
V
IAO
Buffer amplifier output
drive range
Upper side saturation voltage=0.3V
Lower side saturation voltage=0.2V
–1.0
1.0
mA
SDL
SL
SZERO
SFULL
Co
Ro
Differential nonlinearity
Nonlinearity
Zero code error
Full scale error
Output capacitative load
Buffer amplifier
output inpedance
VCC=5.12V(20mV/LSB)
without load (IAO=0)
–1.0
1.0
–1.5
1.5
–2.0
2.0
–2.0
2.0
0.1
5.0
LSB
LSB
LSB
LSB
µF
Ω
IAO=±500µA
VCC-0.1
VCC-0.2
Input leak current
Input low voltage
Input high voltage
VIN=0 to Vcc
0.8VCC
–10
10
0.2VCC
V
V
IILK
VIL
VIH
Icc
Supply current
Symbol
Suplly voltage
Parameter
Test conditions
Ratings
MIN
TYP
MAX
Unit
V
Vcc
2.7
5.0
5.5
µA
mA
CLK=500kHz Operation, IAO=0
µA
Data : 6Ah (at maximum current )
SDA=SCL=GND,IAO=0
µA
mA
0.9
2.7
0.6
1.8
0
0
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com