Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VG6640 Datasheet(PDF) 11 Page - STMicroelectronics

Part # VG6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VG6640 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button VG6640 Datasheet HTML 7Page - STMicroelectronics VG6640 Datasheet HTML 8Page - STMicroelectronics VG6640 Datasheet HTML 9Page - STMicroelectronics VG6640 Datasheet HTML 10Page - STMicroelectronics VG6640 Datasheet HTML 11Page - STMicroelectronics VG6640 Datasheet HTML 12Page - STMicroelectronics VG6640 Datasheet HTML 13Page - STMicroelectronics VG6640 Datasheet HTML 14Page - STMicroelectronics VG6640 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 126 page
background image
DocID023597 Rev 11
11/126
VG6640, VD6640
Overview
125
1.4
Image enhancement, status and test features
The video processor integrates a wide range of image enhancement functions, designed to
ensure high image quality. These include:
real-time exposure merging for High Dynamic Range (HDR) imaging
comprehensive set of motion and flicker minimising HDR options
flicker flag to indicate where flickering has been detected within a frame
digital per-channel gain stage for white balancing
external synchronization
windowing/image cropping
subsampling
analog, pixel and digital gain
dark calibration
frame crop
defective pixel correction
test pattern generation
statistics generation
embedded sensor status data (trailer, and header)
1.5
External frame synchronization
The external frame synchronization features two modes which can be exploited to
synchronize the frame start in multiple-camera systems.
Where an external frame synchronization signal is available, it can be applied to a
dedicated synchronization ball. The sensor will synchronize its frame start to the edge
of the synchronization signal. Further improvement to the synchronization accuracy
can be achieved by applying a common clock to all cameras.
Where a frame synchronization signal is not available (remote cameras), an I2C
register may be set to synchronize the frame start. The sensor will synchronize its
frame start to the end of the I2C transmission of when the sync register is set.
1.6
Safety integrity
A set of self diagnosis features allows the device to support the automotive safety integrity
level (ASIL) system requirements:
ECC (error correction codes) for critical memories
analog in-line test modes
digital in-line test readout modes
dual temperature sensor
all diagnosis states can be read back from the internal registers and are also
embedded in the image status data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com