Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BZX83C24 Datasheet(PDF) 3 Page - Continental Device India Limited

Part # BZX83C24
Description  SILIICON PLANAR ZENER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BZX83C24 Datasheet(HTML) 3 Page - Continental Device India Limited

  BZX83C24 Datasheet HTML 1Page - Continental Device India Limited BZX83C24 Datasheet HTML 2Page - Continental Device India Limited BZX83C24 Datasheet HTML 3Page - Continental Device India Limited BZX83C24 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BZX83C
2V7 to 56V
500mW
DO- 35
Glass Axial Package
DO-35 Glass Axial Package
DO-35, 52mm Taping Specification
On request also available in 26 mm Tape and Ammo Pack
DO-35 T&A
5K/ammo box
0.88kg/5K pcs
10"x3.5" x 3.5"
5.0K
12.7" x 12.7"x20"
125.0K
25 kgs
PACKAGE
Net Weight/Qty
Details
STANDARD PACK
INNER CARTONBOX
Qty
OUTER CARTONBOX
Qty
Gr Wt
Size
Size
Packing Detail
NOTES
1. Cathode is marked by Band.
2. All dimensions are in mm.
A
B
A
DIM
MIN
MAX
A
25.40
—
B
3.03
4.44
C
0.46
0.56
D
1.52
2.29
1.5 R MAX.
5.50
4.50
52.0
48.0
11 DIODES
All dimensions in mm.
LABEL
255
.0 m
m
TAPES
LEADER
6.0 ±1.0
±1.0
±2.0
52.0
6.0
FEE
D
52 mm Taping Specification
T & A indicates Axial Tape & Ammo packing (52 mm
Tape Spacing).
300 mm (min) leader tape on every spool.
No. of empty places allowed 0.25% without
consecutive empty places.
Ends of leads shall preferably not protrude beyond
the tapes.
5.
tapes so that they can not come free in normal
handling.
DO-35:- 5000 pcs./Ammo Pack
DIODE AMMO PACK
73.5
mm
Components shall be held sufficiently in the tape or
4.
3.
2.
1.
Continental Device India Limited
Data Sheet
Page 3 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com