Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NTBLS4D0N15MC Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTBLS4D0N15MC
Description  MOSFET ??Single N-Channel 150 V, 4.4 m, 187 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTBLS4D0N15MC Datasheet(HTML) 2 Page - ON Semiconductor

  NTBLS4D0N15MC Datasheet HTML 1Page - ON Semiconductor NTBLS4D0N15MC Datasheet HTML 2Page - ON Semiconductor NTBLS4D0N15MC Datasheet HTML 3Page - ON Semiconductor NTBLS4D0N15MC Datasheet HTML 4Page - ON Semiconductor NTBLS4D0N15MC Datasheet HTML 5Page - ON Semiconductor NTBLS4D0N15MC Datasheet HTML 6Page - ON Semiconductor NTBLS4D0N15MC Datasheet HTML 7Page - ON Semiconductor NTBLS4D0N15MC Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NTBLS4D0N15MC
www.onsemi.com
2
THERMAL RESISTANCE RATINGS
Symbol
Parameter
Max
Unit
RqJC
Junction−to−Case – Steady State (Note 2)
0.5
°C/W
RqJA
Junction−to−Ambient – Steady State (Note 2)
43
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
V(BR)DSS
Drain−to−Source Breakdown Voltage
VGS = 0 V, ID = 250 mA
150
−
−
V
V(BR)DSS / TJ
Drain−to−Source Breakdown Voltage
Temperature Coefficient
ID = 250 mA, ref to 25°C
−
30.23
−
mV/°C
IDSS
Zero Gate Voltage Drain Current
VGS = 0 V,
VDS = 120 V
TJ = 25°C
−
−
1
mA
TJ = 125°C
−
−
10
mA
IGSS
Gate−to−Source Leakage Current
VDS = 0 V, VGS = ±20 V
−
−
±100
nA
ON CHARACTERISTICS
VGS(TH)
Gate Threshold Voltage
VGS = VDS, ID = 584 mA
2.5
3.7
4.5
V
VGS(TH) / TJ
Negative Threshold Temperature Coefficient
ID = 250 mA, ref to 25°C
−
−10.12
−
mV/°C
RDS(on)
Drain−to−Source On Resistance
VGS = 10 V, ID = 80 A
−
3.1
4.4
mW
VGS = 8 V, ID = 53 A
−
3.5
4.9
gFS
Forward Transconductance
VDS = 5 V, ID = 80 A
−
174
−
S
RG
Gate−Resistance
TA = 25°C
−
1.3
−
W
CHARGES & CAPACITANCES
CISS
Input Capacitance
VGS = 0 V, f = 1 MHz,
VDS = 75 V
−
7490
−
pF
COSS
Output Capacitance
−
2055
−
CRSS
Reverse Transfer Capacitance
−
27.2
−
QG(TOT)
Total Gate Charge
VGS = 10 V, VDS = 75 V,
ID = 80 A
−
90.4
−
nC
QG(TH)
Threshold Gate Charge
−
24.7
−
QGS
Gate−to−Source Charge
−
40.2
−
QGD
Gate−to−Drain Charge
−
12.6
−
VGP
Plateau Voltage
−
5.7
−
V
QOSS
Output Charge
VGS = 0 V, VDS = 75 V
−
251
−
nC
SWITCHING CHARACTERISTICS, VGS = 10 V (Note 3)
td(ON)
Turn−On Delay Time
VGS = 10 V, VDS=75 V,
ID = 80 A, RG = 6 W
−
47
−
ns
tr
Rise Time
−
115
−
td(OFF)
Turn−Off Delay Time
−
58
−
tf
Fall Time
−
11
−
DRAIN−SOURCE DIODE CHARACTERISTICS
VSD
Forward Diode Voltage
VGS = 0 V,
IS = 80 A
TJ = 25°C
−
0.86
1.2
V
TJ = 125°C
−
0.75
−



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com