Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3304-I/ST Datasheet(PDF) 26 Page - Microchip Technology

Part # MCP3304-I/ST
Description  13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3304-I/ST Datasheet(HTML) 26 Page - Microchip Technology

Back Button MCP3304-I/ST Datasheet HTML 22Page - Microchip Technology MCP3304-I/ST Datasheet HTML 23Page - Microchip Technology MCP3304-I/ST Datasheet HTML 24Page - Microchip Technology MCP3304-I/ST Datasheet HTML 25Page - Microchip Technology MCP3304-I/ST Datasheet HTML 26Page - Microchip Technology MCP3304-I/ST Datasheet HTML 27Page - Microchip Technology MCP3304-I/ST Datasheet HTML 28Page - Microchip Technology MCP3304-I/ST Datasheet HTML 29Page - Microchip Technology MCP3304-I/ST Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
MCP3302/04
DS21697B-page 26
 2002 Microchip Technology Inc.
FIGURE 7-4:
SPI Communication with the MCP3302/04 using 8-bit segments (Mode 0,0: SCLK
idles low).
FIGURE 7-5:
SPI Communication with the MCP3302/04 using 8-bit segments (Mode 1,1: SCLK
idles high).
1
2
3
4
5
6
7
8
9
10
11
121314
15
16
CS
SCLK
DIN
X = Don’t Care Bits
17
18
19
20
21
22
23
24
DOUT
NULL
BIT
B11 B10 B9
B8
B7
B6 B5
B4
B3 B2
B1
B0
HI-Z
MCU latches data from A/D Converter
Data is clocked out of
A/D Converter on falling edges
on rising edges of SCLK
Don’t Care
SGL/
DIFF
D0
D1
Start
00
001
X
X
XX
X
DO
XX
XX
XXX
X
B7
B6
B5
B4
B3
B2
B1
B0
B11 B10 B9
B8
0
??
???
??
?
??
D1
D2
SGL/
DIFF
Start
Bit
(Null)
MCU Transmitted Data
(Aligned with falling
edge of clock)
MCU Received Data
(Aligned with rising
edge of clock)
X
Data stored into MCU receive register
after transmission of first 8 bits
Data stored into MCU receive register
after transmission of second 8 bits
Data stored into MCU receive register
after transmission of last 8 bits
X
SB
SB
D2
? = Unknown Bits
? = Unknown Bits
123
4
56
7
8
9
10
11
12
13
14
15
16
CS
SCLK
DIN
17
18
19
20
21
22
23
24
DOUT
Don’t Care
NULL
BIT
B11 B10 B9
B8
B6 B5
B4
B3 B2
B1 B0
HI-Z
000
01
X
X
X
X
X
DO
SGL/
DIFF
X
X
X
XXX
XX
B7
B6
B5
B4
B3
B2
B1
B0
B11 B10 B9
B8
0
?
?
?
???
??
?
?
MCU latches data from A/D Converter
on rising edges of SCLK
Data is clocked out of
A/D Converter on falling edges
D1
D2
SGL/
DIFF
Start
Bit
(Null)
D0
D1
Start
MCU Transmitted Data
(Aligned with falling
edge of clock)
MCU Received Data
(Aligned with rising
edge of clock)
B7
X
Data stored into MCU receive register
after transmission of first 8 bits
Data stored into MCU receive register
after transmission of second 8 bits
Data stored into MCU receive register
after transmission of last 8 bits
SB
X
SB
D2
Don’t Care
X = Don’t Care Bits
? = Unknown Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com