Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SWW0CT10A Datasheet(PDF) 20 Page - Seoul Semiconductor

Part # SWW0CT10A
Description  High reliability and High quality of light
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWW0CT10A Datasheet(HTML) 20 Page - Seoul Semiconductor

Back Button SWW0CT10A Datasheet HTML 15Page - Seoul Semiconductor SWW0CT10A Datasheet HTML 16Page - Seoul Semiconductor SWW0CT10A Datasheet HTML 17Page - Seoul Semiconductor SWW0CT10A Datasheet HTML 18Page - Seoul Semiconductor SWW0CT10A Datasheet HTML 19Page - Seoul Semiconductor SWW0CT10A Datasheet HTML 20Page - Seoul Semiconductor SWW0CT10A Datasheet HTML 21Page - Seoul Semiconductor SWW0CT10A Datasheet HTML 22Page - Seoul Semiconductor SWW0CT10A Datasheet HTML 23Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
Rev1.0, Aug 28, 2019
www.seoulsemicon.com
SWW0CT10A – WICOP-C G2HF
20
Precaution for Use
(1) Storage
To avoid the moisture penetration, we recommend storing LEDs in a dry box with a desiccant . The
recommended storage temperature range is 5℃ to 30℃ and a maximum humidity of RH50%.
(2) Use Precaution after Opening the Packaging
Use proper SMD techniques when the LED is to be soldered dipped as separation of the lens may
affect the light output efficiency.
Pay attention to the following:
a. Recommend conditions after opening the package
- Sealing / Temperature : 5 ~ 30℃ Humidity : less than RH60%
b. If the package has been opened more than 1 year (MSL 2) or the color of
the desiccant changes, components should be dried for 10-24hr at 65±5℃
(3) Do not apply mechanical force or excess vibration during the cooling process to normal
temperature after soldering.
(4) Do not rapidly cool device after soldering.
(5) Components should not be mounted on warped (non coplanar) portion of PCB.
(6) Radioactive exposure is not considered for the products listed here in.
(7) Gallium arsenide is used in some of the products listed in this publication. These products are
dangerous if they are burned or shredded in the process of disposal. It is also dangerous to drink the
liquid or inhale the gas generated by such products when chemically disposed of.
(8) This device should not be used in any type of fluid such as water, oil, organic solvent and etc.
When washing is required, IPA (Isopropyl Alcohol) should be used.
(9) When the LEDs are in operation the maximum current should be decided after measuring the
package temperature.
(10) LEDs must be stored in a clean environment. We recommend LEDs store in nitrogen-filled
container.
(11) The appearance and specifications of the product may be modified for improvement without
notice.
(12) Long time exposure of sunlight or occasional UV exposure will cause lens discoloration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com