Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SWT802-SB Datasheet(PDF) 17 Page - Seoul Semiconductor

Part # SWT802-SB
Description  Applicable for automotive exterior light
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWT802-SB Datasheet(HTML) 17 Page - Seoul Semiconductor

Back Button SWT802-SB Datasheet HTML 13Page - Seoul Semiconductor SWT802-SB Datasheet HTML 14Page - Seoul Semiconductor SWT802-SB Datasheet HTML 15Page - Seoul Semiconductor SWT802-SB Datasheet HTML 16Page - Seoul Semiconductor SWT802-SB Datasheet HTML 17Page - Seoul Semiconductor SWT802-SB Datasheet HTML 18Page - Seoul Semiconductor SWT802-SB Datasheet HTML 19Page - Seoul Semiconductor SWT802-SB Datasheet HTML 20Page - Seoul Semiconductor SWT802-SB Datasheet HTML 21Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
www.seoulsemicon.com
Product Data Sheet
SWT802-SB
– 802 Series White
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
17
글씨체는 : Arial, 10pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev1.0, May 1, 2019
Emitter Tape & Reel Packaging
( Tolerance: ±0.2, Unit: mm )
(1) Quantity : Max 2000pcs/Reel
(2) Cumulative Tolerance : Cumulative Tolerance/10 pitches to be ±0.2mm
(3) Adhesion Strength of Cover Tape
Adhesion strength to be 0.1-0.7N when the cover tape is turned off from the carrier tape
at the angle of 10
˚ to the carrier tape.
(4) Package : P/N, Manufacturing data Code No. and Quantity to be indicated on a damp proof Package.
8°
1.0±0.1
3.1±0.1
2.0±0.05
4.0±0.1
1.55 ± 0.05
0.22±0.05
2.22±0.1
Package
Marking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com