Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRLML6402TRPBF Datasheet(PDF) 35 Page - Microchip Technology

Part # IRLML6402TRPBF
Description  Gigabit Ethernet Switch Evaluation Board
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

IRLML6402TRPBF Datasheet(HTML) 35 Page - Microchip Technology

Back Button IRLML6402TRPBF Datasheet HTML 28Page - Microchip Technology IRLML6402TRPBF Datasheet HTML 29Page - Microchip Technology IRLML6402TRPBF Datasheet HTML 30Page - Microchip Technology IRLML6402TRPBF Datasheet HTML 31Page - Microchip Technology IRLML6402TRPBF Datasheet HTML 32Page - Microchip Technology IRLML6402TRPBF Datasheet HTML 33Page - Microchip Technology IRLML6402TRPBF Datasheet HTML 34Page - Microchip Technology IRLML6402TRPBF Datasheet HTML 35Page - Microchip Technology IRLML6402TRPBF Datasheet HTML 36Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
78
1
Y1
CRYSTAL 12MHz 18pF SMD HC49/US
YES
Abracon
ABLS-12.000MHZ-B4-T
79
1
Y2
32.768kHz ±20ppm Crystal 9pF 70 kOhm -40°C ~ 85°C Surface
Mount 2-SMD
YES
NDK
NX3215SA-32.768K-STD-MUA-9
80
1
Y3
Crystal 25MHz 6pF SMD 4Pin DFN LCC
YES
Murata Electronics
North America
ABM8G-25.000MHZ-B4Y-T
81
1
J14
Connector, SD/MMC, Push-Pull, RA, SMD, 15 pin+4 shield
YES
Proconn Technology
SDC013-A0-5002
82
1
OSC1
OSC MEMS 125.000MHZ CMOS SMD
YES
Microchip/Micrel
DSC1101BI2-125.0000
83
2
U2, U4
IC REG LDO ADJ 1A SOT223-6
YES
MICROCHIP
MCP1826T-ADJE/DC
84
1
U3
IC REG BUCK ADJ 6A SYNC 28QFN
YES
Microchip/Micrel
MIC24051YJL
85
1
U5
4MHz PWM 3A Buck Regulator with HyperLight Load and Power
Good
YES
Microchip Technology
MIC23303YML
86
1
U6
IC, 7-Port Gigabit Ethernet Switch with 2 RGMII / MII / RMII Interfaces,
TQFP128
YES
Microchip/Micrel
KSZ9477S
87
1
U7
IC, ARM Cortex A5 MPU, 32-bit, 536MHz, 1.2V, 324BGA
YES
Microchip/Atmel
ATSAMA5D36A-CU
88
2
U10, U14
IC SUPERVISOR RESET 3.075V 6TDFN
YES
Microchip/Micrel
MIC826TYMT
89
1
U12
IC JITTER ATTEN
YES
Microchip/Micrel Inc
PL902xxxUSY
90
1
U15
IC INTERFACE ATECC508A UDFN-8
YES
Microchip/Atmel
ATECC508A-MAHDA-T
91
0
C35
CAP CER 10uF 6.3V 20% X5R SMD 0603
NO
AVX
06036D106MAT2A
92
0
R12, R46, R49, R50, R52, R54, R56, R65,
R67, R96, R123, R131
RES TKF 0R 1/10W SMD 0603
NO
Panasonic
ERJ-3GSY0R00V
93
0
R104, R119
RES TKF 10k 1% 1/10W SMD 0603
NO
Panasonic
ERJ-3EKF1002V
TABLE C-1:
BILL OF MATERIALS (CONTINUED)
Item Qty
Reference
Description
Populated
Manufacturer
Manufacturer Part Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com