Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM1061N19WX6F Datasheet(PDF) 9 Page - STMicroelectronics

Part # STM1061N19WX6F
Description  Low Power Voltage Detector
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1061N19WX6F Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STM1061N19WX6F Datasheet HTML 5Page - STMicroelectronics STM1061N19WX6F Datasheet HTML 6Page - STMicroelectronics STM1061N19WX6F Datasheet HTML 7Page - STMicroelectronics STM1061N19WX6F Datasheet HTML 8Page - STMicroelectronics STM1061N19WX6F Datasheet HTML 9Page - STMicroelectronics STM1061N19WX6F Datasheet HTML 10Page - STMicroelectronics STM1061N19WX6F Datasheet HTML 11Page - STMicroelectronics STM1061N19WX6F Datasheet HTML 12Page - STMicroelectronics STM1061N19WX6F Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9/21
STM1061
Figure 11. Maximum Transient Duration vs. Reset Threshold Overdrive
Note: Reset occurs above the curve.
Figure 12. Detect, Release Voltage vs. Ambient Temperature for VTH– = 3.4V
Threshold Overdrive (mV)
AI11123b
0
20
40
60
80
100
120
140
160
1
10
100
1000
10000
VTH– = 3.4V
VTH– = 1.6V
Ambient Temperature (
°C)
AI11124b
3.3
3.4
3.5
3.6
–40
–20
0
20
40
60
80
Detect Voltage, VTH–
Release Voltage, VTH+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com