Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMB01DM24 Datasheet(PDF) 1 Page - Carlo Gavazzi Holding AG

Part # DMB01DM24
Description  Timers Multifunction
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

DMB01DM24 Datasheet(HTML) 1 Page - Carlo Gavazzi Holding AG

  DMB01DM24 Datasheet HTML 1Page - Carlo Gavazzi Holding AG DMB01DM24 Datasheet HTML 2Page - Carlo Gavazzi Holding AG DMB01DM24 Datasheet HTML 3Page - Carlo Gavazzi Holding AG DMB01DM24 Datasheet HTML 4Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specifications are subject to change without notice (18.06.07)
1
• Time range 0.1 s to 100 h
• 7 knob selectable functions:
Op
-
delay on operate
In
-
interval
Io
-
interval on trigger open
Id
-
double interval
Dr
-
delay on release
R
-
symmetrical recycler ON first
Rb
-
symmetrical recycler OFF first
• Knob selection of time range
• Knob-adjustable time setting
• Automatic or manual start
• Repeatability:
≤ 0.2%
• Output: 8 A SPDT or 8 A DPDT relay
• For mounting on DIN-rail in accordance with DIN/EN
50 022 or Plug-in
• 22.5 mm Euronorm or 36 mm Plug-in module housing
• Combined AC and DC power supply
• LED indication for relay status and power supply ON
Multi-voltage timer with 7
knob
selectable
functions
and 7 knob selectable time
ranges
within
0.1s
and
100h. For mounting on DIN-
rail
(DMB01)
or
Plug-in
(PMB01).
Timers
Multifunction
Types DMB01, PMB01
Product Description
Ordering Key
Housing
Function
Type
Item number
Output
Power supply
DMB 01 C M24
Type Selection
Mounting
Output
Housing
Supply: 24 VDC and 24 to 240 VAC
Supply: 24 to 240 VAC/DC
DIN-rail
SPDT
D-Housing
DMB 01 C M24
DPDT
DMB 01 D M24
Plug-in
SPDT
P-Housing
PMB 01 C M24
DPDT
PMB 01 D M24
Time Specifications
Output Specifications
Time ranges
Knob Selectable
0.1 to
1 s
1
to
10 s
6
to
60 s
60
to
600 s
0.1 to
1 h
1
to
10 h
10
to
100h
Setting accuracy
≤ 5%
Repeatability
≤ 0.2%
Time variation
Within rated power supply
≤ 0.05%/V
Within ambient temperature
≤ 0.2%/ºC
Reset
Manual reset of time and/or relay
Close the trigger contact
between pins A1 and Y1
or 2 and 5
Pulse duration
≥ 100 ms
Power supply interruption
≥ 200 ms
Automatic start
Connect pins A1 and Y1
or 2 and 5
Output
SPDT or DPDT relay
Rated insulation voltage
250 VAC (rms)
Contact Ratings (AgSnO2)µ
Resistive loads
AC 1
8 A @ 250 VAC
DC 12
5 A @ 24 VDC
Small inductive loads
AC 15
2.5 A @ 250 VAC
DC 13
2.5 A @ 24 VDC
Mechanical life
≥ 30 x 106 operations
Electrical life
≥ 105 operations
(at 8 A, 250 V, cos
ϕ = 1)
Operating frequency
< 7200 operations/h
Dielectric strength
Dielectric voltage
2 kVAC (rms)
Rated impulse withstand volt.
4 kV (1.2/50 µs)
DMB 01
PMB 01


Similar Part No. - DMB01DM24

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DMB01DM24 ETC2-DMB01DM24 Datasheet
132Kb / 4P
Timers Multifunction
More results

Similar Description - DMB01DM24

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1455 ONSEMI-MC1455 Datasheet
204Kb / 10P
Timers
March, 2004 ??Rev. 8
MC1455 ONSEMI-MC1455 Datasheet
147Kb / 10P
Timers
March, 2004 ??Rev. 8
MC1455 ONSEMI-MC1455_06 Datasheet
171Kb / 11P
Timers
February, 2006 ??Rev. 9
logo
List of Unclassifed Man...
DMB01CM24 ETC2-DMB01CM24 Datasheet
132Kb / 4P
Timers Multifunction
logo
Diodes Incorporated
NE555 DIODES-NE555 Datasheet
729Kb / 14P
PRECISION TIMERS
Rev 4
logo
Carlo Gavazzi Holding A...
DMC01 CARLOGAVAZZI-DMC01 Datasheet
241Kb / 6P
Timers Multifunction
DMB51 CARLOGAVAZZI-DMB51 Datasheet
144Kb / 4P
Timers Multifunction
FMB01 CARLOGAVAZZI-FMB01 Datasheet
184Kb / 4P
Timers Multifunction Type FMB01
logo
Littelfuse
ASQU LITTELFUSE-ASQU Datasheet
420Kb / 2P
Multifunction
2016 Rev: 1-A-062216
DSQU LITTELFUSE-DSQU Datasheet
399Kb / 2P
Multifunction
2016 Rev: 1-A-062216
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com