Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADBMS1818ASWZ Datasheet(PDF) 65 Page - Analog Devices

Part # ADBMS1818ASWZ
Description  18-Cell Battery Monitor with Daisy Chain Interface
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS1818ASWZ Datasheet(HTML) 65 Page - Analog Devices

Back Button ADBMS1818ASWZ Datasheet HTML 61Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 62Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 63Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 64Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 65Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 66Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 67Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 68Page - Analog Devices ADBMS1818ASWZ Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 89 page
background image
Data Sheet
ADBMS1818
MEMORY MAP
analog.com
Rev. 0 | 65 of 89
Table 70. Memory Map Bit Descriptions
Time
left
(mi-
nutes
)
Disa-
bled
or
time-
out
0 to
0.5
0.5 to
1
1 to 2 2 to 3 3 to 4 4 to 5 5 to
10
10 to
15
15 to
20
20 to
30
30 to
40
40 to
60
60 to
75
75 to
90
90 to
120
MUTE
Mute status (read on-
ly)
1: mute is activated and discharging is disabled
0: mute is deactivated
FDRF
Force digital redun-
dancy failure
1: forces the digital redundancy comparison for ADC conversions to fail
0: enables the normal redundancy comparison
PS,
Bits[1:0]
Digital redundancy
path selection
11: redundancy is applied only to the ADC3 digital path
10: redundancy is applied only to the ADC2 digital path
01: redundancy is applied only to the ADC1 digital path
00: redundancy is applied sequentially to the ADC1, ADC2, and ADC3 digital paths during cell conversions and applied to ADC1 during
AUX and STATUS conversions
DTMEN
Enable discharge tim-
er monitor
1: enables the discharge timer monitor function if the DTEN pin is asserted
0: disables the discharge timer monitor function. The normal discharge timer function is enabled if the DTEN pin is asserted
CxV
Cell x voltage1
x = 1 to 18
16-bit ADC measurement value for Cell x
Cell voltage for Cell x = CxV × 100 μV
CxV is rest to 0xFFFF on power-up and after clear command
GxV
GPIO x voltage1
x = 1 to 9
16-bit ADC measurement value for GPIOx
Voltage for GPIOx = GxV × 100 μV
GxV is reset to 0xFFFF on power-up and after clear command
REF
2nd reference volt-
age1
16-bit ADC measurement value for 2nd reference
SC
Sum of all cells meas-
urement1
16-bit ADC measurement value of the sum of all cell voltages, sum of all cells voltage = SC × 100 μV × 30
ITMP
Internal die tempera-
ture1
16-bit ADC measurement value of the internal die temperature, temperature measurement voltage = ITMP × 100 μV/7.6mV/°C − 276°C
VA
Analog power supply
voltage1
16-bit ADC measurement value of the analog power supply voltage, analog power supply voltage = VA × 100 μV, the value of VA is set by
external components that must be in the range of 4.5 V to 5.5 V for normal operation
VD
Digital power supply
voltage1
16-bit ADC measurement value of the digital power supply voltage, digital power supply voltage = VD × μV, normal range is within 2.7 V
to 3.6 V
CxOV
Cell x overvoltage flag x = 1 to 18
Cell voltage compared to VOV comparison voltage
0: Cell x not flagged for overvoltage condition
1: Cell x flagged
CxUV
Cell x undervoltage
flag
x = 1 to 18
Cell voltage compared to VUV comparison voltage
0: Cell x not flagged for overvoltage condition
1: Cell x flagged



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com