Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F28023DAS Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F28023DAS
Description  TMS320F2802x Microcontrollers
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28023DAS Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMS320F28023DAS Datasheet HTML 14Page - Texas Instruments TMS320F28023DAS Datasheet HTML 15Page - Texas Instruments TMS320F28023DAS Datasheet HTML 16Page - Texas Instruments TMS320F28023DAS Datasheet HTML 17Page - Texas Instruments TMS320F28023DAS Datasheet HTML 18Page - Texas Instruments TMS320F28023DAS Datasheet HTML 19Page - Texas Instruments TMS320F28023DAS Datasheet HTML 20Page - Texas Instruments TMS320F28023DAS Datasheet HTML 21Page - Texas Instruments TMS320F28023DAS Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 135 page
background image
8.5.2 TMS320F2802x Current Consumption at 50-MHz SYSCLKOUT
MODE
TEST CONDITIONS
VREG ENABLED
VREG DISABLED
IDDIO (1)
IDDA (2)
IDD
IDDIO (1)
IDDA (2)
TYP(3)
MAX
TYP(3)
MAX
TYP(3)
MAX
TYP(3)
MAX
TYP(3)
MAX
Operational
(Flash)
The following peripheral clocks are
enabled:
•
ePWM1/2/3/4
•
eCAP1
•
SCI-A
•
SPI-A
•
ADC
•
I2C
•
COMP1/2
•
CPU Timer0/1/2
All PWM pins are toggled at 40 kHz.
All I/O pins are left unconnected.(4)
Code is running out of flash with 1 wait-
state.
XCLKOUT is turned off.
80 mA
90 mA
13 mA
18 mA
71 mA
80 mA
15 mA
18 mA
13 mA
18 mA
IDLE
Flash is powered down.
XCLKOUT is turned off.
All peripheral clocks are off.
16 mA
19 mA
64 μA
69 μA
17 mA
20 mA
120 μA
400 μA
64 μA
69 μA
STANDBY
Flash is powered down.
Peripheral clocks are off.
4 mA
7 mA
10 μA
15 μA
4 mA
7 mA
120 μA
400 μA
10 μA
15 μA
HALT
Flash is powered down.
Peripheral clocks are off.
Input clock is disabled.(5)
50 μA
10 μA
15 μA
15 μA
25 μA
10 μA
15 μA
(1)
IDDIO current is dependent on the electrical loading on the I/O pins.
(2)
To realize the IDDA currents shown for IDLE, STANDBY, and HALT, clock to the ADC module must be turned off explicitly by writing to
the PCLKCR0 register.
(3)
The TYP numbers are applicable over room temperature and nominal voltage.
(4)
The following is done in a loop:
•
Data is continuously transmitted out of SPI-A and SCI-A ports.
•
The hardware multiplier is exercised.
•
Watchdog is reset.
•
ADC is performing continuous conversion.
•
COMP1/2 are continuously switching voltages.
•
GPIO17 is toggled.
(5)
If a quartz crystal or ceramic resonator is used as the clock source, the HALT mode shuts down the on-chip crystal oscillator.
8.5.3 TMS320F2802x Current Consumption at 60-MHz SYSCLKOUT
MODE
TEST CONDITIONS
VREG ENABLED
VREG DISABLED
IDDIO (1)
IDDA (2)
IDD
IDDIO (1)
IDDA (2)
TYP(3)
MAX
TYP(3)
MAX
TYP(3)
MAX
TYP(3)
MAX
TYP(3)
MAX
Operational
(Flash)
The following peripheral clocks
are enabled:
•
ePWM1/2/3/4
•
eCAP1
•
SCI-A
•
SPI-A
•
ADC
•
I2C
•
COMP1/2
•
CPU-TIMER0/1/2
All PWM pins are toggled at
60 kHz.
All I/O pins are left
unconnected.(4)
Code is running out of flash
with 2 wait states.
XCLKOUT is turned off.
90 mA
100 mA
13 mA
18 mA
80 mA
90 mA
15 mA
18 mA
13 mA
18 mA
TMS320F28027, TMS320F28027-Q1, TMS320F28027F, TMS320F28027F-Q1, TMS320F28026
TMS320F28026-Q1, TMS320F28026F, TMS320F28026F-Q1, TMS320F28023
TMS320F28023-Q1, TMS320F28022, TMS320F28021, TMS320F28020, TMS320F280200
SPRS523P – NOVEMBER 2008 – REVISED FEBRUARY 2021
www.ti.com
18
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28027 TMS320F28027-Q1 TMS320F28027F TMS320F28027F-Q1
TMS320F28026 TMS320F28026-Q1 TMS320F28026F TMS320F28026F-Q1 TMS320F28023 TMS320F28023-
Q1 TMS320F28022 TMS320F28021 TMS320F28020 TMS320F280200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com