Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

F59D2G81KA Datasheet(PDF) 21 Page - Elite Semiconductor Memory Technology Inc.

Part # F59D2G81KA
Description  2 Gbit (256M x 8) 1.8V NAND Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F59D2G81KA Datasheet(HTML) 21 Page - Elite Semiconductor Memory Technology Inc.

Back Button F59D2G81KA Datasheet HTML 17Page - Elite Semiconductor Memory Technology Inc. F59D2G81KA Datasheet HTML 18Page - Elite Semiconductor Memory Technology Inc. F59D2G81KA Datasheet HTML 19Page - Elite Semiconductor Memory Technology Inc. F59D2G81KA Datasheet HTML 20Page - Elite Semiconductor Memory Technology Inc. F59D2G81KA Datasheet HTML 21Page - Elite Semiconductor Memory Technology Inc. F59D2G81KA Datasheet HTML 22Page - Elite Semiconductor Memory Technology Inc. F59D2G81KA Datasheet HTML 23Page - Elite Semiconductor Memory Technology Inc. F59D2G81KA Datasheet HTML 24Page - Elite Semiconductor Memory Technology Inc. F59D2G81KA Datasheet HTML 25Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
ESMT
(Preliminary)
F59D2G81KA (2N)
Elite Semiconductor Memory Technology Inc.
Publication Date: Feb. 2020
Revision: 0.1
21/60
Read / Program / Erase Characteristics
(TA = 0 to 70°C, VCC = 1.7V ~ 1.95V)
Parameter
Symbol
Min
Typ
Max
Unit
Data Transfer from Cell to Register
tR
-
-
25
us
Program Time
tPROG
-
400
700
us
Last Page Program Time
tLPROG
800
1400
us
Dummy Busy Time for Cache Operation
tCBSY
-
3
750
us
Number of Partial Program Cycles in the Same Page
NOP
-
-
4
cycle
Block Erase Time
tBERS
-
3.5
10
ms
Dummy Busy Time for Two-Plane Page Program (following 11h)
tDBSY
-
0.5
1
us
Data Cache Busy Time in Write Cache (following11h )
tDCBSYW1
-
-
10
us
Data Cache Busy Time in Write Cache (following 15h)
tDCBSYW2
-
-
700
us
Note:
1.
Typical program time is defined as the time within which more than 50% of the whole pages are programmed at 1.8V Vcc and
25°C temperature.
2.
tCBSY max. time depends on timing between internal program completion and data-in.
3.
tDCBSYW2 depends on the timing between internal programming time and data in time.
4.
tLPROG = tPROG(last page) + tPROG(last-1 page) – Command load time(last page) – Address load time(last page)-Data load time(last
page)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com