Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KFD2-UT2-1 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # KFD2-UT2-1
Description  Universal Temperature Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KFD2-UT2-1 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  KFD2-UT2-1 Datasheet HTML 1Page - List of Unclassifed Manufacturers KFD2-UT2-1 Datasheet HTML 2Page - List of Unclassifed Manufacturers KFD2-UT2-1 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical data
KFD2-UT2-1
Subject to reasonable modifications due to technical advances.
Copyright Pepperl+Fuchs, Printed in Germany
Pepperl+Fuchs Group • Tel.: Germany +49-621-776-0 • USA +1-330-4253555 • Singapore +65-67-799091 • Internet www.pepperl-fuchs.com
2
General specifications
Signal type
Analog input
Supply
Connection
terminals 14+, 15- or power feed module/Power Rail
Rated voltage
20 ... 30 V DC
Ripple
within the supply tolerance
Power loss/power consumption
≤ 0.95 W / 0.95 W
Input
Connection
terminals 1, 2, 3, 4
RTD
type Pt10, Pt50, Pt100, Pt500, Pt1000 (EN 60751: 1995)
type Pt10GOST, Pt50GOST, Pt100GOST, Pt500GOST, Pt1000GOST (6651-94)
type Cu10, Cu50, Cu100 (P50353-92)
type Ni100 (DIN 43760)
Measuring current
approx. 200
µA with RTD
Types of measuring
2-, 3-, 4-wire connection
Lead resistance
≤ 50 Ω per lead
Measuring circuit monitoring
sensor burnout, sensor short-circuit
Thermocouples
type B, E, J, K, N, R, S, T (IEC 584-1: 1995)
type L (DIN 43710: 1985)
type TXK, TXKH, TXA (P8.585-2001)
Cold junction compensation
external and internal
Measuring circuit monitoring
sensor burnout
Voltage
selectable within the range -100 ... 100 mV
Potentiometer
0 ... 20 k
Ω (2-wire connection), 0.8 ... 20 kΩ (3-wire connection)
Input resistance
≥ 1 MΩ (-100 ... 100 mV)
Output
Connection
output I: terminal 7: source (-), sink (+), terminal 8: source (+), terminal 9: sink(-)
Output
Analog current output
Current range
0 ... 20 mA or 4 ... 20 mA
Fault signal
downscale 0 or 2 mA, upscale 21.5 mA (acc. NAMUR NE43)
Source
load 0 ... 550
Ω
open-circuit voltage
≤ 18 V
Sink
Voltage across terminals 5 ... 30 V. If the current is supplied from a source > 16.5 V,
series resistance of
≥ (V - 16.5)/0.0215 Ω is needed, where V is the source voltage.
The maximum value of the resistance is (V - 5)/0.0215
Ω.
Transfer characteristics
Deviation
After calibration
Pt100: ± (0.06 % of measurement value in K + 0.1 % of span + 0.1 K (4-wire connection))
thermocouple: ± (0.05 % of measurement value in °C + 0.1 % of span + 1 K (1.2 K for types R and S))
this includes ± 0.8 K error of the cold junction compensation
mV: ± (50
µV + 0.1 % of span)
potentiometer: ± (0.05 % of full scale + 0.1 % of span, (excludes errors due to lead resistance))
Influence of ambient temperature
deviation of CJC included:
Pt100: ± (0.0015 % of measurement value in K + 0.006 % of span)/K
∆Tamb*)
thermocouple: ± (0.02 K + 0.005 % of measurement value in °C + 0.006 % of span)/K
∆Tamb*))
mV: ± (0.01 % of measurement value + 0.006 % of span)/K
∆Tamb*)
potentiometer: ± 0.006 % of span/K
∆Tamb*)
*) ∆Tamb = ambient temperature change referenced to 23 °C (296 K)
Influence of supply voltage
< 0.01 % of span
Influence of load
≤ 0.001 % of output value per 100 Ω
Reaction time
sensor burnout and sensor short circuit selected where appropriate
mV: 1 s, thermocouples with CJC: 1.1 s, thermocouples with fixed reference temperature: 1.1 s, 3- or 4-wire
RTD: 920 ms, 2-wire RTD: 800 ms
Electrical isolation
Input/Other circuits
safe galvanic isolation acc. to EN 50020, voltage peak value 375 V
Output/supply, programming input
functional insulation acc. to IEC 62103, rated insulation voltage 50 Veff
There is no electrical isolation between the programming input and the supply.
The programming cable (see section accessories and installation) provides galvanic isolation so that ground
loops are avoided.
Directive conformity
Electromagnetic compatibility
Directive 2004/108/EC
EN 61326-1:2006
Conformity
Electromagnetic compatibility
NE 21:2006
Protection degree
IEC 60529
Ambient conditions
Ambient temperature
-20 ... 60 °C (-4 ... 140 °F)
Mechanical specifications



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com