Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WD60PURX Datasheet(PDF) 2 Page - Western Digital Corporation or its affiliates.

Part # WD60PURX
Description  WD Purple??Surveillance Hard Drives
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WESTERN [Western Digital Corporation or its affiliates.]
Direct Link  https://www.westerndigital.com/
Logo WESTERN - Western Digital Corporation or its affiliates.

WD60PURX Datasheet(HTML) 2 Page - Western Digital Corporation or its affiliates.

  WD60PURX Datasheet HTML 1Page - Western Digital Corporation or its affiliates. WD60PURX Datasheet HTML 2Page - Western Digital Corporation or its affiliates.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WD Purple™
Canada ICES-003 Class B / NMB-003 Classe B
Western Digital
3355 Michelson Drive, Suite 100
Irvine, California 92612
U.S.A.
For service and literature:
http://support.wd.com
www.wd.com
800.ASK.4WDC
(800.275.4932)
North America
800.832.4778
Spanish
+86.21.2603.7560
Asia Pacific
00800.27549338
Europe
(toll free where available)
+31.880062100
Europe/Middle East/Africa
Western Digital, WD, and the WD logo are registered trademarks in the U.S. and
other countries; WD Purple, AllFrame, IntelliSeek, IntelliPower, and FIT Lab are
trademarks of Western Digital Technologies, Inc. in the U.S. and other countries.
Other marks may be mentioned herein that belong to other companies. Product
specifications subject to change without notice.
© 2014 Western Digital Technologies, Inc. All rights reserved.
2879-800012-A03 Sep 2014
Specifications
6 TB
5 TB
4 TB
3 TB
2 TB
1 TB
Model number1
WD60PURX
WD50PURX
WD40PURX
WD30PURX
WD20PURX
WD10PURX
Formatted capacity2
6 TB
5 TB
4 TB
3 TB
2 TB
1 TB
Form factor
3.5-inch
3.5-inch
3.5-inch
3.5-inch
3.5-inch
3.5-inch
Advanced Format (AF)
Yes
Yes
Yes
Yes
Yes
Yes
RoHS compliant3
Yes
Yes
Yes
Yes
Yes
Yes
Performance
Data transfer rate (max)
Buffer to host
Host to/from drive (sustained)
6 Gb/s
175 MB/s
6 Gb/s
170 MB/s
6 Gb/s
150 MB/s
6 Gb/s
145 MB/s
6 Gb/s
145 MB/s
6 Gb/s
110 MB/s
Cache (MB)
64
64
64
64
64
64
Rotational speed (RPM)
IntelliPower
IntelliPower
IntelliPower
IntelliPower
IntelliPower
IntelliPower
Reliability/Data Integrity
Load/unload cycles4
300,000
300,000
300,000
300,000
300,000
300,000
Non-recoverable read errors per bits read <1 in 1014
<1 in 1014
<1 in 1014
<1 in 1014
<1 in 1014
<1 in 1014
Limited warranty (years)5
3
3
3
3
3
3
Power Management
Average power requirements (W)
Read/Write
Idle
Standby and Sleep
5.3
4.9
0.4
5.3
4.9
0.4
5.1
4.5
0.4
4.4
4.1
0.4
4.4
4.1
0.4
3.3
2.9
0.4
Environmental Specifications6
Temperature (°C, on the base casting)
Operating
Non-operating
0 to 65
-40 to 70
0 to 65
-40 to 70
0 to 65
-40 to 70
0 to 65
-40 to 70
0 to 65
-40 to 70
0 to 65
-40 to 70
Shock (Gs)
Operating (2 ms, read/write)
Operating (2 ms, read)
Non-operating (2 ms)
30
65
250
30
65
250
30
65
250
30
65
250
30
65
250
30
65
350
Acoustics (dBA)7
Idle
Seek (average)
25
26
25
26
25
26
23
24
23
24
21
22
Physical Dimensions
Height (in./mm, max)
1.028/26.1
1.028/26.1
1.028/26.1
1.028/26.1
1.028/26.1
1.028/26.1
Length (in./mm, max)
5.787/147
5.787/147
5.787/147
5.787/147
5.787/147
5.787/147
Width (in./mm, ± .01 in.)
4/101.6
4/101.6
4/101.6
4/101.6
4/101.6
4/101.6
Weight (lb./kg, ± 10%)
1.65/0.75
1.65/0.75
1.50/0.68
1.40/0.64
1.40/0.64
0.99/0.45
1 Not all products may be available in all regions of the world.
2 As used for storage capacity, one megabyte (MB) = one million bytes, one gigabyte (GB) = one billion bytes, and one terabyte (TB) = one trillion bytes. Total accessible capacity varies depending on operating environment. As used for buffer or cache, one megabyte (MB) = 1,048,576 bytes. As used for transfer
rate or interface, megabyte per second (MB/s) = one million bytes per second, and gigabit per second (Gb/s) = one billion bits per second. Effective maximum SATA 6 Gb/s transfer rate calculated according to the Serial ATA specification published by the SATA-IO organization as of the date of this specification
sheet. Visit www.sata-io.org for details.
3 WD hard drive products manufactured and sold worldwide after June 8, 2011, meet or exceed Restriction of Hazardous Substances (RoHS) compliance requirements as mandated by the RoHS Directive 2011/65/EU.
4 Controlled unload at ambient condition.
5 The term of the limited warranty may vary by region. Visit http://support.wd.com/warranty for details.
6 No non-recoverable errors during operating tests or after non-operating tests.
7 Sound power level.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com