Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HSMJ-A100-R40J1 Datasheet(PDF) 15 Page - Broadcom Corporation.

Part # HSMJ-A100-R40J1
Description  PLCC-2, Surface Mount LED Indicator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HSMJ-A100-R40J1 Datasheet(HTML) 15 Page - Broadcom Corporation.

Back Button HSMJ-A100-R40J1 Datasheet HTML 9Page - Broadcom Corporation. HSMJ-A100-R40J1 Datasheet HTML 10Page - Broadcom Corporation. HSMJ-A100-R40J1 Datasheet HTML 11Page - Broadcom Corporation. HSMJ-A100-R40J1 Datasheet HTML 12Page - Broadcom Corporation. HSMJ-A100-R40J1 Datasheet HTML 13Page - Broadcom Corporation. HSMJ-A100-R40J1 Datasheet HTML 14Page - Broadcom Corporation. HSMJ-A100-R40J1 Datasheet HTML 15Page - Broadcom Corporation. HSMJ-A100-R40J1 Datasheet HTML 16Page - Broadcom Corporation. HSMJ-A100-R40J1 Datasheet HTML 17Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
HSMx-A10x-xxxxx Data Sheet
PLCC-2, Surface Mount LED Indicator
Broadcom
AV02-0198EN
15
Handling of Moisture-Sensitive Devices
This product has a Moisture Sensitive Level 2a rating per
JEDEC J-STD-020. Refer to Broadcom Application Note
AN5305, Handling of Moisture Sensitive Surface Mount
Devices for additional details and a review of proper
handling procedures.
Before use:
– An unopened moisture barrier bag (MBB) can be
stored at <40°C/90% RH for 12 months. If the actual
shelf life has exceeded 12 months and the Humidity
Indicator Card (HIC) indicates that baking is not
required, then it is safe to reflow the LEDs per the
original MSL rating.
– Do not open the MBB prior to assembly (for
example, for IQC). If unavoidable, the MBB must be
properly resealed with fresh desiccant and HIC. The
exposed duration must be taken in as floor life.
Control after opening the MBB:
– Read the HIC immediately upon opening of MBB.
– Keep the LEDs at <30°/60% RH at all times, and
complete all high temperature-related processes,
including soldering, curing or rework within
672 hours.
Control for unfinished reel:
Store unused LEDs in a sealed MBB with desiccant or a
desiccator at <5% RH.
Control of assembled boards:
If the PCB soldered with the LEDs is to be subjected to
other high-temperature processes, store the PCB in a
sealed MBB with desiccant or desiccator at <5% RH to
ensure that all LEDs have not exceeded their floor life of
168 hours.
Baking is required if:
– The HIC indicator indicates a change in color for
10% and 5%, as stated on the HIC.
– The LEDs are exposed to conditions of >30°C/60%
RH at any time.
– The LED's floor life exceeded 168 hours.
The recommended baking condition is: 60±5°C for
20 hours.
Baking can only be done once.
Storage:
The soldering terminals of these Broadcom LEDs are
silver plated. If the LEDs are exposed in ambient
environment for too long, the silver plating might be
oxidized, thus affecting its solderability performance. As
such, keep unused LEDs in a sealed MBB with
desiccant or in a desiccator at <5% RH.
Application Precautions
The drive current of the LED must not exceed the
maximum allowable limit across temperature as stated
in the data sheet. Constant current driving is
recommended to ensure consistent performance.
Circuit design must cater to the whole range of forward
voltage (VF) of the LEDs to ensure the intended drive
current can always be achieved.
The LED exhibits slightly different characteristics at
different drive currents, which may result in a larger
variation of performance (meaning: intensity,
wavelength, and forward voltage). Set the application
current as close as possible to the test current to
minimize these variations.
The LED is not intended for reverse bias. Use other
appropriate components for such purposes. When
driving the LED in matrix form, ensure that the reverse
bias voltage does not exceed the allowable limit of the
LED.
Do not use the LED in the vicinity of material with sulfur
content or in environments of high gaseous sulfur
compounds and corrosive elements. Examples of
material that might contain sulfur are rubber gaskets,
room- temperature vulcanizing (RTV) silicone rubber,
rubber gloves, and so on. Prolonged exposure to such
environments may affect the optical characteristics and
product life.
White LEDs must not be exposed to acidic
environments and must not be used in the vicinity of
any compound that may have acidic outgas, such as,
but not limited to, acrylate adhesive. These
environments have an adverse effect on LED
performance.
As actual application might not be exactly similar to the
test conditions, do verify that the LED will not be
damaged by prolonged exposure in the intended
environment.
Avoid rapid change in ambient temperature, especially
in high-humidity environments, because they cause
condensation on the LED.
If the LED is intended to be used in harsh or outdoor
environment, protect the LED against damages caused
by rain water, water, dust, oil, corrosive gases, external
mechanical stresses, and so on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com