Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MVR1206-101G Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # MVR1206-101G
Description  Maximum allowable continuous DC voltage VDC 85.0 V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

MVR1206-101G Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  MVR1206-101G Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd MVR1206-101G Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd MVR1206-101G Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd MVR1206-101G Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd MVR1206-101G Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2. Ordering information
2.1 standards
MV R
1206
-
101
G
①
②
③
④
①MVR: Series name
②1206 : Chip size –1206 (3.2 x 1.6 mm) size
③101 : Varistor voltage(Breakdown voltage) – 100Vdc
④G : General absorption,low clamping voltage
3.Size
Model
1005(0402)
1608(0603)
2012(0805)
3216(1206)
3225(1210)
4532(1812)
5750(2220)
8050(3220)
Length(L)
1.00±0.15
1.60±0.20
2.00±0.20
3.20±0.20
3.20±0.20
4.50±0.30
5.70±0.30
8.0±0.30
Width(W)
0.50±0.15
0.80±0.20
1.20±0.20
1.60±0.20
2.50±0.20
3.20±0.20
5.00±0.30
5.00±0.30
High(H)
0.70max
0.90max
1.30max
1.60max
2.50max
3.20max
4.50max
4.50max
5.Surge Wave Form
IEC61000-4-5 Standards
L
W
H
L1
T1
T2
SEVERITY LEVEL
T1
T2
1
8 uS
20 uS
2
10 uS
1000 uS
8/20µs waveform current
MVR1206-101G
Rev :
www.leiditech.com
01.06.2015
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com