Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VN-07-L-T4-PQ2-VQ2-O2-P Datasheet(PDF) 2 Page - Festo Corporation.

Part # VN-07-L-T4-PQ2-VQ2-O2-P
Description  Vacuum generator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

VN-07-L-T4-PQ2-VQ2-O2-P Datasheet(HTML) 2 Page - Festo Corporation.

  VN-07-L-T4-PQ2-VQ2-O2-P Datasheet HTML 1Page - Festo Corporation. VN-07-L-T4-PQ2-VQ2-O2-P Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Voltage drop
≤1.5 V
Overload protection
Available
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication not possible
CE marking (see declaration of conformity)
As per EU EMC directive
Corrosion resistance class (CRC)
1 - Low corrosion stress
Temperature of medium
0 °C ... 60 °C
Cleaning advice
Soap suds
Noise level at nominal operating pressure
63 dB(A)
Degree of protection
IP40
Ambient temperature
0 °C ... 50 °C
Certification
RCM compliance mark
Max. tightening torque
0.6 Nm
Product weight
36 g
Pressure measuring range
-1 bar ... 0 bar
Accuracy in ± % FS
1.5 %FS
Long-term drift
±0.5 % FS max.
Temperature coefficient of switching point
0.05 %/K
Electrical connection
3-pin
M8
Type of mounting
With through-hole
Pneumatic connection 1
QS-6
Pneumatic connection 3
Pneumatic muffler open
Vacuum connection
QS-6
Seals material
NBR
Female nozzle material
POM
Housing material
POM-reinforced
Fiber-optic cable
PC
Muffler material
PE
Material of plug housing
Brass
PA
Chrome-plated and nickel-plated
Material of jet nozzle
Wrought aluminum alloy
Material of keypad
POM
Material of pneumatic fitting
Brass
Nickel-plated
3/4/21 - Subject to change - Festo AG & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com