Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT90PWM3 Datasheet(PDF) 87 Page - ATMEL Corporation

Part # AT90PWM3
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM3 Datasheet(HTML) 87 Page - ATMEL Corporation

Back Button AT90PWM3 Datasheet HTML 83Page - ATMEL Corporation AT90PWM3 Datasheet HTML 84Page - ATMEL Corporation AT90PWM3 Datasheet HTML 85Page - ATMEL Corporation AT90PWM3 Datasheet HTML 86Page - ATMEL Corporation AT90PWM3 Datasheet HTML 87Page - ATMEL Corporation AT90PWM3 Datasheet HTML 88Page - ATMEL Corporation AT90PWM3 Datasheet HTML 89Page - ATMEL Corporation AT90PWM3 Datasheet HTML 90Page - ATMEL Corporation AT90PWM3 Datasheet HTML 91Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 365 page
background image
87
AT90PWM2/3
4317B–AVR–02/05
8-bit Timer/Counter0 with PWM
Timer/Counter0 is a general purpose 8-bit Timer/Counter module, with two independent
Output Compare Units, and with PWM support. It allows accurate program execution
timing (event management) and wave generation. The main features are:
• Two Independent Output Compare Units
• Double Buffered Output Compare Registers
• Clear Timer on Compare Match (Auto Reload)
• Glitch Free, Phase Correct Pulse Width Modulator (PWM)
• Variable PWM Period
• Frequency Generator
• Three Independent Interrupt Sources (TOV0, OCF0A, and OCF0B)
Overview
A simplified block diagram of the 8-bit Timer/Counter is shown in Figure 31. For the
actual placement of I/O pins, refer to “Pin Descriptions” on page 10. CPU accessible I/O
Registers, including I/O bits and I/O pins, are shown in bold. The device-specific I/O
Register and bit locations are listed in the “8-bit Timer/Counter Register Description” on
page 97.
The PRTIM0 bit in “Power Reduction Register” on page 41 must be written to zero to
enable Timer/Counter0 module.
Figure 31. 8-bit Timer/Counter Block Diagram
Definitions
Many register and bit references in this section are written in general form. A lower case
“n” replaces the Timer/Counter number, in this case 0. A lower case “x” replaces the
Output Compare Unit, in this case Compare Unit A or Compare Unit B. However, when
using the register or bit defines in a program, the precise form must be used, i.e.,
TCNT0 for accessing Timer/Counter0 counter value and so on.
The definitions in Table 37 are also used extensively throughout the document.
Timer/Counter
=
TCNTn
Waveform
Generation
OCnA
Control Logic
count
clear
direction
TOVn
(Int.Req.)
OCRnx
TCCRnA
Clock Select
Tn
Edge
Detector
( From Prescaler )
clkTn
OCnA
(Int.Req.)
=
OCRnx
Waveform
Generation
OCnB
OCnB
(Int.Req.)
TCCRnB
=
Fixed
TOP
Values
= 0
TOP
BOTTOM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com