Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS9DB306BFT Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS9DB306BFT
Description  PCI Express, Jitter Attenuator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9DB306BFT Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS9DB306BFT Datasheet HTML 6Page - Integrated Circuit Systems ICS9DB306BFT Datasheet HTML 7Page - Integrated Circuit Systems ICS9DB306BFT Datasheet HTML 8Page - Integrated Circuit Systems ICS9DB306BFT Datasheet HTML 9Page - Integrated Circuit Systems ICS9DB306BFT Datasheet HTML 10Page - Integrated Circuit Systems ICS9DB306BFT Datasheet HTML 11Page - Integrated Circuit Systems ICS9DB306BFT Datasheet HTML 12Page - Integrated Circuit Systems ICS9DB306BFT Datasheet HTML 13Page - Integrated Circuit Systems ICS9DB306BFT Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
9DB306BL
www.icst.com/products/hiperclocks.html
REV. A APRIL 7, 2005
10
Integrated
Circuit
Systems, Inc.
ICS9DB306
PCI EXPRESS,
JITTER ATTENUATOR
SCHEMATIC EXAMPLE
Figure 5 shows an example of ICS9DB306 application
schematic. In this example, the device is operated at V
CC = 3.3V.
The decoupling capacitor should be located as close as pos-
sible to the power pin. The input is driven by a HCSL driver. For
FIGURE 5. EXAMPLE OF ICS9DB306 SCHEMATIC
LVPECL output drivers, one of terminations approaches is shown
in this schematic. For additional termination approaches, please
refer to the LVPECL Termination Application Note.
C3
0.1uF
C1
0.1uF
(U1-6)
VCC
R14
50
R15
50
Zo = 50
LVPECL
+
-
VCC=3.3V
(U1-15)
R13
33
R8
1K
VCC
R9
1K
U1
ICS9DB306
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
28
27
26
25
VEE
PCIEXT1
PCIEXC1
PCIEXT2
PCIEXC2
VCC
nOE0
nOE1
VCC
PCIEXC3
PCIEXT3
PCIEXC4
PCIEXT4
VEE
VCC
PCIEXC5
PCIEXT5
FS1
BY PASS
VEE
VCCA
PLL_BW
CLK
nCLK
VCC
PCIEXC0
PCIEXT0
FS0
HCSL
C3
0.1uF
VCCA
C11
0.1uF
Zo = 50
R16
50
(U1-9)
C2
0.1uF
R1
50
R11
1K
Zo = 50
C16
10uF
VCC
Zo = 50
VCC
R12
33
Zo = 50
R7
24
R10
1K
R6
50
R2
50
LVPECL
+
-
VCC
VCC
R5
50
R4
50
Zo = 50
(U1-28)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com