Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RACM60-15SK/OF Datasheet(PDF) 10 Page - Recom International Power

Part # RACM60-15SK/OF
Description  60 Watt Open Frame 2?쐘3??& 2?쐘4??Single Output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACM60-15SK/OF Datasheet(HTML) 10 Page - Recom International Power

Back Button RACM60-15SK/OF Datasheet HTML 3Page - Recom International Power RACM60-15SK/OF Datasheet HTML 4Page - Recom International Power RACM60-15SK/OF Datasheet HTML 5Page - Recom International Power RACM60-15SK/OF Datasheet HTML 6Page - Recom International Power RACM60-15SK/OF Datasheet HTML 7Page - Recom International Power RACM60-15SK/OF Datasheet HTML 8Page - Recom International Power RACM60-15SK/OF Datasheet HTML 9Page - Recom International Power RACM60-15SK/OF Datasheet HTML 10Page - Recom International Power RACM60-15SK/OF Datasheet HTML 11Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
www.recom-power.com
REV.: 1/2020
PA-10
AC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
RACM60-K/OF
Series
APPLICATION AND INSTALLATION
continued on next page
Mounting
Blockdiagram (“/OF” and “/OF/PCB”)
upside-down
vertical
horizontal (standard)
DC
AC
DC
AC
airflow
airflow
upside-down
vertical
horizontal (standard)
DC
AC
DC
AC
airflow
airflow
upside-down
vertical
horizontal (standard)
DC
AC
DC
AC
airflow
airflow
If module is mounted vertical or upside-down with natural convection cooling,
the power must be derated
≥ 10%.
Rectifier
L
T3.5A
N
-V
+V
Snubber
Flyback Controller
Rectification
Controller+
Feedback
Active
Rectification
Input
Filter
Output
Filter
Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com