Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RACM60-24SK/OF Datasheet(PDF) 1 Page - Recom International Power

Part # RACM60-24SK/OF
Description  60 Watt Open Frame 2?쐘3??& 2?쐘4??Single Output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACM60-24SK/OF Datasheet(HTML) 1 Page - Recom International Power

  RACM60-24SK/OF Datasheet HTML 1Page - Recom International Power RACM60-24SK/OF Datasheet HTML 2Page - Recom International Power RACM60-24SK/OF Datasheet HTML 3Page - Recom International Power RACM60-24SK/OF Datasheet HTML 4Page - Recom International Power RACM60-24SK/OF Datasheet HTML 5Page - Recom International Power RACM60-24SK/OF Datasheet HTML 6Page - Recom International Power RACM60-24SK/OF Datasheet HTML 7Page - Recom International Power RACM60-24SK/OF Datasheet HTML 8Page - Recom International Power RACM60-24SK/OF Datasheet HTML 9Page - Recom International Power Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
AC/DC Converter
www.recom-power.com
REV.: 1/2020
PA-1
Features
Regulated
Converter
• 2”x3” optional 2“x4“, low profile design
• 60W power from -40°C up to +55°C ambient
• Operating temperature up to +85°C with derating
• 4 kVAC/1min reinforced isolation
• 2MOPP medical certified, B and BF compliant
• 4000m/5000m (medical/ITE) operating altitude
• Class B EMC filter built-in
RACM60-K/OF
60 Watt
Open Frame
2“x3“ & 2“x4“
Single Output
Description
The multi-purpose, industrial + household + medical grade AC/DC converter series RACM60-K/OF
delivers 60 Watts of output power from -40°C to +55°C with natural air convection only, and up to
+85°C with derating or forced cooling. With a clear focus on extended thermal performance for sys-
tems where space is limited, these 2” x 3” compact modules are designed to gain highest overall
efficiency levels over the full output load range from universal AC inputs. The RACM60-K/OF has
ANSI/AAMI/IEC 60601-1 medical safety and EN 60601-1-2 medical EMC certifications and offers
4kVAC/1 min isolation, 2MOPP and designed to meet B and BF requirements. It is additionally certified
to IEC/EN62368-1(CB Report) and IEC61558-1/-2-16 for industrial applications and IEC/EN60335-1
for household appliances. The robust built-in Class B EMC filter has sufficient margin to allow both In-
stallation Class II or Class I PELV with grounded output. A range of mechanical fixing options makes the
RACM60 suitable for many different mounting conditions: the standard chassis mount part mates with
Molex connectors and the /PCB option permits direct installation in printed circuit boards. Additionally, a
2” x 4” footprint for backwards-compatibility with legacy designs is available on request.
Notes:
Note1: Efficiency is tested at nominal input and full load at +25°C ambient
Model Numbering
Packaging options (3)
Connection options (2)
Case style (2)
nom. Output Power
Output Voltage
Single
RACM60- __ SK /OF/___-___
Notes:
Note2: “/OF” = standard 2”x3” open frame version with standard header connectors
“/OF/PCB-T”= 2”x3” open frame with PCB mounting pins in single tray packaging (05, 12, 24Vout versions available)
“/OF/2x4” = 2”x4” open frame version with standard header connectors (12 and 24Vout versions available)
For other case/connection/footprint options, please contact RECOM technical support
Note3: without suffix, standard single pack (1pcs/cardboard box)
add suffix “-CTN” for project packaging (4 layers of tray within a carton, for “/OF” only + MOQ= 1152pcs)
for detail information, refer to
“PACKAGING INFORMATION”
Part
Number
Input Voltage
Range
[VAC]
Output
Voltage
[VDC]
Output
Current
[mA]
Output
Power
[W]
Efficiency
typ. (1)
[%]
RACM60-05SK/OF (2, 3)
80-264
5
8000
40
89
RACM60-12SK/OF (2, 3)
80-264
12
5000
60
90
RACM60-15SK/OF (2, 3)
80-264
15
4000
60
90
RACM60-24SK/OF (2, 3)
80-264
24
2500
60
90
RACM60-36SK/OF (2, 3)
80-264
36
1667
60
90
RACM60-48SK/OF (2, 3)
80-264
48
1250
60
90
Selection Guide
Ordering Examples:
RACM60-05SK/OF
5Vout 2” x 3” open frame standard header connector
1pcs/cardboard box
RACM60-24SK/OF/PCB-T 24Vout 2” x 3” open frame
PCB mounting pins
12pcs/tray packaging
RACM60-12SK/OF/2x4
12Vout 2” x 4” open frame standard header connector
1pcs/cardboard box
RACM60-12SK/OF-CTN
12Vout 2” x 4” open frame standard header connector 48pcs/carton (MOQ= 1152pcs)
YEAR
arrant
3
IEC/EN62368-1 (pending)
ANSI/AAMI ES60601-1 Ed. 3.1 certified
CSA/CAN-C22.2 No. 60601-1:14 certified
IEC/EN60335-1 (pending)
IEC/EN61558-1 (pending)
IEC/EN61558-2-16 (pending)
EN60601-1-2 compliant
EN55032 compliant
EN55035 compliant
CB Report (pending)
2MOPP
250VAC
E314885
OU
SEHO
p p lianc
EN-60335-1
CERTIFIED


Similar Part No. - RACM60-24SK/OF

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RACM65 RECOM-RACM65 Datasheet
556Kb / 6P
Suitable for built in Class II Applications
RACM65-05S RECOM-RACM65-05S Datasheet
555Kb / 6P
65 Watt Enclosed & Open Frame Case Style Single Output
RACM65-05S RECOM-RACM65-05S Datasheet
556Kb / 6P
Suitable for built in Class II Applications
RACM65-12S RECOM-RACM65-12S Datasheet
555Kb / 6P
65 Watt Enclosed & Open Frame Case Style Single Output
RACM65-12S RECOM-RACM65-12S Datasheet
556Kb / 6P
Suitable for built in Class II Applications
More results

Similar Description - RACM60-24SK/OF

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP60-243.3SG RECOM-RP60-243.3SG Datasheet
92Kb / 4P
60 Watt 2??x 2??Single Output
RAC48-OF RECOM-RAC48-OF Datasheet
91Kb / 2P
48 Watt Open Frame Single Output
RAC60-OF RECOM-RAC60-OF Datasheet
91Kb / 2P
60 Watt Open Frame Single Output
RP15-OF RECOM-RP15-OF Datasheet
523Kb / 7P
15 Watt Single Output Open Frame SMD
RP15-OFW RECOM-RP15-OFW Datasheet
518Kb / 7P
15 Watt Single Output Open Frame SMD
RAC48-S-OF RECOM-RAC48-S-OF Datasheet
102Kb / 2P
48 Watt Open Frame Single Output
RAC60-S-OF RECOM-RAC60-S-OF Datasheet
102Kb / 2P
60 Watt Open Frame Single Output
logo
CINCON ELECTRONICS Corp...
CFM61S CINCON-CFM61S Datasheet
593Kb / 2P
60 WATT SINGLE OUTPUT AC-DC OPEN FRAME
logo
Recom International Pow...
RACM230-G RECOM-RACM230-G Datasheet
1Mb / 9P
230 Watt 4??x 2??Open Frame or Enclosed Single Output
RACM90-K RECOM-RACM90-K Datasheet
2Mb / 9P
90 Watt 2” x 4” Open Frame & Enclosed Single Output
REV.: 0/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com