Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RPL-3.0 Datasheet(PDF) 7 Page - Recom International Power

Part # RPL-3.0
Description  3.0 Amp 10 Pad LGA Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPL-3.0 Datasheet(HTML) 7 Page - Recom International Power

  RPL-3.0 Datasheet HTML 1Page - Recom International Power RPL-3.0 Datasheet HTML 2Page - Recom International Power RPL-3.0 Datasheet HTML 3Page - Recom International Power RPL-3.0 Datasheet HTML 4Page - Recom International Power RPL-3.0 Datasheet HTML 5Page - Recom International Power RPL-3.0 Datasheet HTML 6Page - Recom International Power RPL-3.0 Datasheet HTML 7Page - Recom International Power RPL-3.0 Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
www.recom-power.com
REV.: 0/2021
I-7
DC/DC Converter
Specifications
RPL-3.0
Series
SOLDERING
0
0
100
300
200
100
200
155°C
185°C
217°C
217°C
300
Time [s]
Ramp Down Rate: -1~ -5°C/s
Ramp Up Rate: 1-3°C/s
Preheat Temp.: 60-120°C
Peak Temp.: 240-245°C
Peak Time: 10s max.
Ramp up Rate: 1-3°C/s
Melting Time: 30-60s
PREHEAT ZONE
COOLING
ACTUAL
HEATING
Solder Pofil
Wave or Reflow etc.
Profile Feature
PB-Free
Assembly
Preheat
minimum Temperature (TS_min)
155°C
maximum Temperature (TS_max)
245°C
Time (tS)
100s-300s
Liquidus
Temperature (TL)
217°C
Time (tL)
30-60s
Peak Temperature (TP)
245°C
Time remaining around Peak Temperature
10s
max Ramp Down Rate (from Ts_max to TP)
5°C/s
max Ramp Up Rate
3°C/s
max time from 25°C to Peak Temperature (TP)
8min
1 Pb-Free assembly is recommended according ro JEDEC J-STD020.
2 Ensure that the peak reflow temperature does not exceed 240°C ±5°C as
per JEDEC J-STD020
3 The reflow time period during peak temperature of 240°C ±5°C should not
exceed 30 seconds.
4 Reflow time above liquidus (217°C) should not exceed 150 seconds.
5 For solder paste use a standard SAC Alloy such as SAC 305, type 3 or higher.
6 Other soldering methods (e.g. vaporphase) are not verified and have to be
validated at his own risk.
PCB LAYOUT SUGGESTION
Efficient PCB layout is critical for stable operation. For the best results, see Figure below and follow the guidelines below:
1. Keep the connection of the input ground and -VIN as short and wide as possible.
2. Ensure that all feedback connections are short and direct.
3. Place the feedback resistors as close to the chip as possible.
4. Route sensitive analog areas such as FB away from SW.
5. Place enough vias around the chip to improve thermal performance.
Top Layer
Bottom Layer



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com