Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM485ESA Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM485ESA
Description  5V power supply, half-duplex, with 짹15KVESD protection, 500kbps transmission rate, 256-node RS485/RS422 transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM485ESA Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM485ESA Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM485ESA Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM485ESA Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM485ESA Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM485ESA Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LM485ESA Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LM485ESA Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LM485ESA Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LM485ESA Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
三态输入漏电流
IOZR
±1
uA
0.4 V < VO < 2.4 V
接收端输入电阻
RIN
96
kΩ
-7V≦VCM≦12V
接收器短路电流
IOSR
±7
±95
mA
0 V≤VO≤VCC
供电电流
供电电流
ICC
180
500
uA
/RE=0V 或 VCC,
DE = 0 V
170
400
uA
/RE=
VCC , DE =
VCC
关断电流
ISHDN
0.5
10
uA
DE =0 V,/RE= VCC
ESD 保护
A、B
15
KV
人 体 模 型
(HBM)
15
KV
接触放电
其它端口

KV
HBM
NOTE1:∆VOD
和 ∆VOC 分别是输入信号 DI 状态变化时引起的 VOD
与 VOC 幅值的变化。
开关特性
(如无另外说明,VCC=5V±5% ,TA=TMIN~TMAX,典型值在 VCC=5V,TA=25℃)
参数
符号
最小
典型
最大
单位
测试条件
驱动器
驱动器输入到输出传播延
迟(低到高)
tDPLH
1000
ns
RDIFF = 54 Ω,
CL1=CL2=100pF
(见图 3 与图 4)
驱动器输入到输出传播延
迟(高到低)
tDPHL
1000
ns
|tDPLH- tDPHL|
tSKEW1
±100
ns
上升沿时间/下降沿时间
tDR, tDF
200
500
700
ns
使能到输出高
tDZH
2500
ns
CL = 100 pF, S1 闭
合(见图 5、6)
使能到输出低
tDZL
2500
ns
输入低到禁能
tDLZ
100
ns
CL = 15 pF, S2 闭合
(见图 5、6)
输入高到禁能
tDHZ
100
ns
关断条件下,
使能到输出高
tDZH(SHDN)
4500
ns
CL = 15 pF, S2 闭合
(见图 5、6)
关断条件下,
使能到输出低
tDZL(SHDN)
4500
ns
CL = 15 pF, S1 闭合
(见图 5、6)
具有±15KV ESD 保护,500kbps 通迅速率,256 节点 RS485/RS422 收发器
LM485ESA
5V 供电 半双工,
Rev :
www.leiditech.com
01.06.2018
4/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com