Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3485SA Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM3485SA
Description  3.3V power supply, half duplex
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM3485SA Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM3485SA Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3485SA Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3485SA Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3485SA Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3485SA Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3485SA Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
正向输入阈值电压
VIT+
-7V≦VCM≦12V
+200
mV
反向输入阈值电压
VIT-
-7V≦VCM≦12V
-200
mV
输入迟滞电压
Vhys
-7V≦VCM≦12V
10
30
mV
高电平输出电压
VOH
IOUT = −2.5mA,
VID = +200 mV
VCC-1.5
V
低电平输出电压
VOL
IOUT = +2.5mA,
VID = -200 mV
0.4
V
三态输入漏电流
IOZR
0.4 V < VO < 2.4 V
±1
uA
接收端输入电阻
RIN
-7V≦VCM≦12V
96
kΩ
接收器短路电流
IOSR
0 V≤V
O≤VCC
±8
±60
mA
(如无另外说明,VCC=3.3V±10% ,Temp=T
MIN~TMAX,典型值在 VCC=+3.3V,Temp=25℃)
参数
符号
测试条件
最小
典型
最大
单位
供电电流
ICC1
/RE=0V,
DE = 0 V
520
800
uA
ICC2
/RE=VCC,
DE=VCC
540
700
uA
关断电流
ISHDN
/RE=VCC,
DE=0V
0.5
10
uA
参数
符号
测试条件
最小
典型
最大
单位
驱动器差分
输出延迟
tDD
RDIFF = 60 Ω,
CL1=CL2=100pF
(见图 3 与图 4)
10
35
ns
驱动器差分输出
过渡时间
tTD
12
25
ns
驱动器传播延迟
从低到高
tPLH
RDIFF = 27 Ω,
(见图 3 与图 4)
8
35
ns
驱动器传播延迟
从高到低
tPHL
8
35
ns
供电电流
驱动器开关特性
12Mbps 通迅速率,256 节点 RS485/RS422 收发器
LM3485SA
3.3V 供电 半双工,
Rev :
www.leiditech.com
01.06.2018
4/13



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com