Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM3Z2V4 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # MM3Z2V4
Description  200 mW SOD??23 Surface Mount
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

MM3Z2V4 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  MM3Z2V4 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd MM3Z2V4 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd MM3Z2V4 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd MM3Z2V4 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd MM3Z2V4 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd MM3Z2V4 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MM3Z2V4 Series
SOD-323
MARKING DIAGRAM
This series of Zener diodes is packaged in a SOD–323 surface mount package that
has a power dissipation of 200 mW. They are designed to provide voltage regulation
protection and are especially attractive in situations where space is at a premium. They
are well suited for applications such as cellular phones, hand held portables, and
high density PC boards.
Specification Features:
• Standard Zener Breakdown Voltage Range – 2.4 V to 75 V
• Steady State Power Rating of 200 mW
• Small Body Outline Dimensions: 0.067" x 0.049"(1.7 mm x 1.25 mm)
.
Low Body Height: 0.035" (0.9 mm)
• Package Weight: 4.507 mg/unit
• ESD Rating of Class 3 (>16 kV) per Human Body Model
• Pb-Free package is available.
Mechanical Characteristics:
CASE: Void-free, transfer-molded plastic
FINISH: All external surfaces are corrosion resistant
MAXIMUM CASE TEMPERATURE FOR SOLDERING PURPOSES:
260°C for 10 Seconds
POLARITY: Cathode indicated by polarity band
FLAMMABILITY RATING: UL94 V-0
MOUNTING POSITION: Any
MAXIMUM RATINGS
Rating
Symbol
Max
Unit
Total Device Dissipation FR–5 Board,
PD
(Note 1.) @ TA = 25°C
200
mW
Derate above 25°C
1.5
mW/°C
Thermal Resistance from
RθJA
635
°C/W
Junction to Ambient
Junction and Storage
TJ, Tstg
–65 to+150
°C
Temperature Range
1. FR–4 Minimum Pad
200 mW SOD–323 Surface Mount
Rev :
www.leiditech.com
01.06.2014
1/6


Similar Part No. - MM3Z2V4

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MM3Z2V4 DIOTEC-MM3Z2V4 Datasheet
48Kb / 2P
Surface mount Zener Diodes
logo
Weitron Technology
MM3Z2V4 WEITRON-MM3Z2V4 Datasheet
214Kb / 5P
Surface Mount Zener Diodes
logo
Diotec Semiconductor
MM3Z2V4 DIOTEC-MM3Z2V4 Datasheet
95Kb / 2P
Surface mount Silicon Planar Zener Diodes
MM3Z2V4 DIOTEC-MM3Z2V4 Datasheet
96Kb / 2P
Surface mount Silicon Planar Zener Diodes
logo
SeCoS Halbleitertechnol...
MM3Z2V4 SECOS-MM3Z2V4 Datasheet
198Kb / 3P
Surface Mount Zener Diode
More results

Similar Description - MM3Z2V4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MM5Z2V4T1 ONSEMI-MM5Z2V4T1_05 Datasheet
53Kb / 4P
Zener Voltage Regulators 200 mW SOD??23 Surface Mount
November, 2005 ??Rev. 5
NZ9F2V4ST5G ONSEMI-NZ9F2V4ST5G Datasheet
99Kb / 4P
Zener Voltage Regulators 200 mW SOD??23 Surface Mount
May, 2008 ??Rev. 0
SZMM3Z3V3T1G ONSEMI-SZMM3Z3V3T1G Datasheet
107Kb / 5P
Zener Voltage Regulators 200 mW SOD??23 Surface Mount
January, 2012 ??Rev. 9
logo
List of Unclassifed Man...
LM3Z2V0T1G ETC2-LM3Z2V0T1G Datasheet
1Mb / 6P
200 mW SOD??23 Surface Mount
logo
CHENG-YI ELECTRONIC CO....
MM3Z2V4T1 CHENG-YI-MM3Z2V4T1 Datasheet
449Kb / 6P
200 mW SOD??23 Surface Mount
logo
Leshan Radio Company
LM5Z2V0T1G LRC-LM5Z2V0T1G Datasheet
272Kb / 6P
200 mW SOD??23 Surface Mount
LM3Z9V1T1G LRC-LM3Z9V1T1G Datasheet
106Kb / 6P
Zener Voltage Regulators 200 mW SOD??23 Surface Mount
LM3ZXXT1 LRC-LM3ZXXT1 Datasheet
119Kb / 6P
Zener Voltage Regulators 200 mW SOD??23 Surface Mount
logo
ON Semiconductor
NSZ5V6V2 ONSEMI-NSZ5V6V2 Datasheet
51Kb / 3P
Zener Voltage Regulators 200 mW SOD??23 Surface Mount
August, 2018 ??Rev. 1
logo
Shanghai Leiditech Elec...
LM3Z2V4T1G LEIDITECH-LM3Z2V4T1G Datasheet
631Kb / 6P
200 mW SOD??23 Surface Mount
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com