Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RFD10P03LSM9A Datasheet(PDF) 4 Page - Harris Corporation

Part # RFD10P03LSM9A
Description  10A, 30V, 0.200 ohm, Logic Level P-Channel Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

RFD10P03LSM9A Datasheet(HTML) 4 Page - Harris Corporation

  RFD10P03LSM9A Datasheet HTML 1Page - Harris Corporation RFD10P03LSM9A Datasheet HTML 2Page - Harris Corporation RFD10P03LSM9A Datasheet HTML 3Page - Harris Corporation RFD10P03LSM9A Datasheet HTML 4Page - Harris Corporation RFD10P03LSM9A Datasheet HTML 5Page - Harris Corporation RFD10P03LSM9A Datasheet HTML 6Page - Harris Corporation RFD10P03LSM9A Datasheet HTML 7Page - Harris Corporation RFD10P03LSM9A Datasheet HTML 8Page - Harris Corporation RFD10P03LSM9A Datasheet HTML 9Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
NOTE: Refer to Application Notes AN9321 and AN9322.
FIGURE 6. UNCLAMPED INDUCTIVE SWITCHING
CAPABILITY
FIGURE 7. SATURATION CHARACTERISTICS
FIGURE 8. TRANSFER CHARACTERISTICS
FIGURE 9. DRAIN TO SOURCE ON RESISTANCE vs GATE
VOLTAGE AND DRAIN CURRENT
FIGURE 10. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
FIGURE 11. NORMALIZED DRAIN TO SOURCE BREAKDOWN
VOLTAGE vs JUNCTION TEMPERATURE
Typical Performance Curves Unless Otherwise Specified (Continued)
-50
-10
-1
0.01
0.1
1
10
tAV, TIME IN AVALANCHE (ms)
IF R
≠ 0
tAV = (L/R) ln [(IAS*R)/(1.3 RATED BVDSS - VDD) + 1]
STARTING TJ = 150
oC
STARTING TJ = 25
oC
tAV = (L) (IAS)/(1.3 RATED BVDSS - VDD)
If R = 0
0
0
-1.0
-2.0
-3.0
-5.0
-10
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = -4V
VGS = -10V
-4.0
VGS =-3.5V
VGS = -3V
VGS = -5V
-20
-15
-25
-5
PULSE DURATION = 250
µs,
TC = 25
oC
0
-3.0
-4.5
-6.0
-1.5
0
-10
175oC
VGS, GATE TO SOURCE VOLTAGE (V)
-55oC
25oC
-20
-25
-15
-5
VDD = -15V
PULSE TEST
PULSE DURATION = 250
µs
DUTY CYCLE = 0.5% MAX
0
100
200
300
400
-2.0
-4.0
-6.0
-8.0
-10.0
VGS, GATE TO SOURCE VOLTAGE (V)
ID = -20A
ID = -10A
ID = -5A
ID = -2.5A
TC = 25
oC
2.0
0.5
0.0
-40
0
40
TJ, JUNCTION TEMPERATURE (
oC)
120
1.0
80
1.5
160
200
-80
VGS = -5V, ID = -10.0A
1.2
1.0
0.9
0.8
-40
0
40
TJ, JUNCTION TEMPERATURE (
oC)
120
1.1
80
-80
160
200
ID =- 250uA
RFD10P03L, RFD10P03LSM, RFP10P03L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com