Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BAV23C Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # BAV23C
Description  SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

BAV23C Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  BAV23C Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd BAV23C Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd BAV23C Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rev : 01.06.2014
2/3
www.leiditech.com
■
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Reverse breakdown voltage
VR
IR= 100 uA
250
IF= 100 mA
1
IF= 200 mA
1.25
VR= 200 V , TJ = 25℃
100
nA
VR= 200 V , TJ = 150℃
100
uA
Junction capacitance
Cj
VR= 0 V, f= 1 MHz
5
pF
Reverse recovery time
trr
IF=IR=30mA,Irr=0.1xIR, RL=100Ω
50
ns
Forward voltage
V
Reverse voltage leakage current
VF
IR
■
Marking
NO.
BAV23A
BAV23C
BAV23S
Marking
KT7
JU
KL31
Switching Diodes
BAV23A/C/S (KAV23A/C/S)
■
Typical Characterisitics
10
1.0
100
1000
0.1
0.01
0
1
2
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig. 1 Forward Characteristics
T = 25°
C
j
1
10
100
0.1
0.01
0
100
200
T , JUNCTION TEMPERATURE (°C)
j
Fig. 2 Leakage Current vs Junction Temperature
BAV23A/C/S



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com