Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LCE65T900F Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LCE65T900F
Description  LCE N-Channel Super Junction Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LCE65T900F Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LCE65T900F Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LCE65T900F Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LCE65T900F Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LCE65T900F Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LCE65T900F Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LCE65T900F Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LCE65T900F Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LCE65T900F Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LCE65T900F Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
NCE65T900D,NCE65T900, NCE65T900F
General Description
The
series of devices use advanced trench gate super
junction technology and design to provide excellent RDS(ON)
with low gate charge. This super junction MOSFET fits the
industry’s AC-DC SMPS requirements for PFC, AC/DC
power conversion, and industrial power applications.
Features
●New technology for high voltage device
●Low on-resistance and low conduction losses
●Small package
●Ultra Low Gate Charge cause lower driving requirements
●100% Avalanche Tested
●ROHS compliant
Application
●
Power factor correction(PFC)
●
Switched mode power supplies(SMPS)
●
Uninterruptible Power Supply(UPS)
VDS
650
V
RDS(ON)TYP
750
mΩ
ID
5
A
Package Marking And Ordering Information
Device
Device Package
Marking
LCE65T900D
TO-263
NCE65T900D
LCE65T900
TO-220
NCE65T900
LCE65T900F
TO-220F
NCE65T900F
Table 1.
Absolute Maximum Ratings (TC=25℃)
Parameter
Symbol
NCE65T900
NCE65T900D
NCE65T900F
Unit
Drain-Source Voltage (
VGS=0V)
VDS
650
V
Gate-Source Voltage (
VDS=0V) AC (f>1 Hz)
VGS
±30
V
Continuous Drain Current
at Tc=25°C
ID (DC)
5
5*
A
Continuous Drain Current
at Tc=100°C
ID (DC)
3
3*
A
Pulsed drain current
(Note 1)
IDM (pluse)
20
20*
A
Maximum Power Dissipation(Tc=25℃)
Derate above 25
°C
PD
46
0.37
29
0.23
W
W/
°C
Single pulse avalanche energy
(Note2)
EAS
52
mJ
Avalanche current
(Note 1)
IAR
0.9
A
Repetitive Avalanche energy ,tAR limited by Tjmax
(Note 1)
EAR
0.14
mJ
Schematic diagram
TO-263
TO-220
TO-220F
LCE N-Channel Super Junction Power MOSFET
Rev :
www.leiditech.com
01.06.2018
1/9


Similar Part No. - LCE65T900F

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LCE65T900F LEIDITECH-LCE65T900F Datasheet
1Mb / 9P
N-Channel Super Junction Power MOSFET
More results

Similar Description - LCE65T900F

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LCE30ND07S LEIDITECH-LCE30ND07S Datasheet
898Kb / 6P
LCE N-Channel Super Junction Power MOSFET
LCEP01T13D LEIDITECH-LCEP01T13D Datasheet
835Kb / 6P
LCE N-Channel Super Trench Power MOSFET
LCE65T1K2F LEIDITECH-LCE65T1K2F Datasheet
1Mb / 9P
LCE N-Channel Super Junction Power MOSFET
LCE65T180 LEIDITECH-LCE65T180 Datasheet
1Mb / 7P
LCE N-Channel Super Junction Power MOSFET
LCEP01T11 LEIDITECH-LCEP01T11 Datasheet
869Kb / 6P
LCE N-Channel Super Trench Power MOSFET
LCEP3090GU LEIDITECH-LCEP3090GU Datasheet
696Kb / 5P
LCE N-Channel Super Trench Power MOSFET
LCEP4090GU LEIDITECH-LCEP4090GU Datasheet
858Kb / 5P
LCE N-Channel Super Trench Power MOSFET
LCEP6060GU LEIDITECH-LCEP6060GU Datasheet
1Mb / 6P
LCE N-Channel Super Trench Power MOSFET
LM5D60N06 LEIDITECH-LM5D60N06 Datasheet
1Mb / 6P
LCE N-Channel Super Trench Power MOSFET
LM8S7ND03 LEIDITECH-LM8S7ND03 Datasheet
912Kb / 6P
LCE N-Channel Super Junction Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com