Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

10BX-A/C03 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 10BX-A/C03
Description  High-density Signal Conditioners 10-RACK
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

10BX-A/C03 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  10BX-A/C03 Datasheet HTML 1Page - M-System Co.,Ltd. 10BX-A/C03 Datasheet HTML 2Page - M-System Co.,Ltd. 10BX-A/C03 Datasheet HTML 3Page - M-System Co.,Ltd. 10BX-A/C03 Datasheet HTML 4Page - M-System Co.,Ltd. 10BX-A/C03 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: 10BX
http://www.m-system.co.jp/
10BX SPECIFICATIONS
ES-0891 Rev.12 Page 2/5
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength:
500 V AC @ 1 minute (I/O connector to power)
1500 V AC @ 1 minute (power to FG)
500 V AC @ 1 minute (1000 V for 24 V DC) (I/O connector to
FG)
MOUNTING REQUIREMENTS
Observe appropriate wiring space under the rack.
B
4–M5 SCREW
A
ANGLE BRACKET
MODEL
SIZE
A
B
10BX-1, 2, 3, 4, 7, 8
465 (18.31)
450 (17.72)
10, 11, 12, 13
10BX-A, B
165 (6.50)
140 (5.51)
10BX-C, D
290 (11.42)
265 (10.43)
Observe appropriate wiring space under the rack.
B
4–M5 SCREW
A
ANGLE BRACKET
MODEL
SIZE
A
B
10BX-1, 2, 3,
465 (18.31)
450 (17.72)
10, 11, 12, 13
10BX-A, B
165 (6.50)
140 (5.51)
10BX-C, D
DIMENSIONS unit: mm (inch)
MODEL
SIZE
A
B
C
10BX-1, 2, 3, 4, 7, 8
480 (18.90)
465 (18.31)
435 (17.13)
10, 11, 12, 13
10BX-A, B
180 (7.09)
165 (6.50)
135 (5.31)
10BX-C, D
305 (12.01)
290 (11.42)
260 (10.24)
1
B
A
C
■ RACK
■ SURFACE
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16
13 14 15 16
POWER INPUT
TERMINALS
DCS CONNECTOR



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com