Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

10BX-C/C03 Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # 10BX-C/C03
Description  High-density Signal Conditioners 10-RACK
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

10BX-C/C03 Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  10BX-C/C03 Datasheet HTML 1Page - M-System Co.,Ltd. 10BX-C/C03 Datasheet HTML 2Page - M-System Co.,Ltd. 10BX-C/C03 Datasheet HTML 3Page - M-System Co.,Ltd. 10BX-C/C03 Datasheet HTML 4Page - M-System Co.,Ltd. 10BX-C/C03 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MODEL: 10BX
http://www.m-system.co.jp/
10BX SPECIFICATIONS
ES-0891 Rev.12 Page 3/5
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
■ 10BX-1, 4, 7, 8, 10, A, B, C
FG
4
5
U(+)
V(–)
POWER
3
2
1
CN1
PWR 24VDC
I/O SIGNALS
10-RACK
SIGNAL CONDITIONERS
*The connector is deleted with some models.
*
■ 10BX-2, D
PWR
FG
4
5
U
V
POWER
+
–
3
PWR 24VDC
10-RACK
SIGNAL CONDITIONERS
■ 10BX-3
PWR
FG
4
5
U
V
AC POWER
+
–
+
–
DC POWER
3
2
1
PWR 24VDC
10-RACK
SIGNAL CONDITIONERS
■ 10BX-11, 12, 13
FG
4
5
3
2
1
CN1
PWR 24VDC
I/O SIGNALS
10-RACK
SIGNAL CONDITIONERS
+
–
POWER
I/O CONNECTOR PIN ASSIGNMENT
Fujitsu FCN type I/O connector
•Connector Pin Assignment
CN1:
Fujitsu FCN-365P040-AU
PIN NO.
ASSIGNMENT
PIN NO.
ASSIGNMENT
A 1
ch. 1 +
B 1
ch. 1 –
A 2
ch. 2 +
B 2
ch. 2 –
A 3
ch. 3 +
B 3
ch. 3 –
A 4
ch. 4 +
B 4
ch. 4 –
A 5
ch. 5 +
B 5
ch. 5 –
A 6
ch. 6 +
B 6
ch. 6 –
A 7
ch. 7 +
B 7
ch. 7 –
A 8
ch. 8 +
B 8
ch. 8 –
A 9
ch. 9 +
B 9
ch. 9 –
A10
ch.10 +
B10
ch.10 –
A11
ch.11 +
B11
ch.11 –
A12
ch.12 +
B12
ch.12 –
A13
ch.13 +
B13
ch.13 –
A14
ch.14 +
B14
ch.14 –
A15
ch.15 +
B15
ch.15 –
A16
ch.16 +
B16
ch.16 –
A17 – A20, B17 – B20: Unused
Yokogawa DCS VMx / PM1 card use
•Location
I/O connector: PS-40PE-D4LT1-PN1
CN1:
VM
x / PM1 card use (uses KS2 cable)
RACK LOCATION NO.
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16
VM1/PM1/VM4 CARD INPUT or OUTPUT
CN1
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
VM2 CARD INPUT NO.
VM2 CARD OUTPUT NO.
1
N
C
1
N
C
VM1: analog input 16 points
VM2: analog input 8 points / analog output 8 points
VM4: analog output 16 points
PM1: pulse input 16 points



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com