Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S-SMBJ14CA Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # S-SMBJ14CA
Description  S-SMBJ Series 600W Transient Voltage Suppressor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

S-SMBJ14CA Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  S-SMBJ14CA Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd S-SMBJ14CA Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd S-SMBJ14CA Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd S-SMBJ14CA Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd S-SMBJ14CA Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd S-SMBJ14CA Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ELECTRICAL CHARACTERISTICS (TA=25℃, continued)
Part
Number
VR
IR@VR
VBR@IT
IT
VC@IPP
IPP
①
Uni-Polar
Bi-Polar
V
μA
min(V)
max(V)
mA
max(V)
A
S-SMBJ54A S-SMBJ54CA
54
1
60.00
66.30
1
87.1
6.9
S-SMBJ58A S-SMBJ58CA
58
1
64.40
71.20
1
93.6
6.4
S-SMBJ60A S-SMBJ60CA
60
1
66.70
73.70
1
96.8
6.2
S-SMBJ64A S-SMBJ64CA
64
1
71.10
78.60
1
103.0
5.8
S-SMBJ70A S-SMBJ70CA
70
1
77.80
86.00
1
113.0
5.3
S-SMBJ75A S-SMBJ75CA
75
1
83.30
92.10
1
121.0
5.0
S-SMBJ78A S-SMBJ78CA
78
1
86.70
95.80
1
126.0
4.8
S-SMBJ85A S-SMBJ85CA
85
1
94.40
104.0
1
137.0
4.4
S-SMBJ90A S-SMBJ90CA
90
1
100.0
111.0
1
146.0
4.1
S-SMBJ100A S-SMBJ100CA 100
1
111.0
123.0
1
162.0
3.7
S-SMBJ110A S-SMBJ110CA 110
1
122.0
135.0
1
177.0
3.4
S-SMBJ120A S-SMBJ120CA 120
1
133.0
147.0
1
193.0
3.1
S-SMBJ130A S-SMBJ130CA 130
1
144.0
159.0
1
209.0
2.9
S-SMBJ150A S-SMBJ150CA 150
1
167.0
185.0
1
243.0
2.5
S-SMBJ160A S-SMBJ160CA 160
1
178.0
197.0
1
259.0
2.3
S-SMBJ170A S-SMBJ170CA 170
1
189.0
209.0
1
275.0
2.2
S-SMBJ180A S-SMBJ180CA 180
1
201.0
222.0
1
292.0
2.1
S-SMBJ190A S-SMBJ190CA 190
1
211.0
234.0
1
307.0
2.0
S-SMBJ200A S-SMBJ200CA 200
1
224.0
247.0
1
324.0
1.9
S-SMBJ210A S-SMBJ210CA 210
1
233.0
258.0
1
337.0
1.8
S-SMBJ220A S-SMBJ220CA 220
1
246.0
272.0
1
356.0
1.7
S-SMBJ250A S-SMBJ250CA 250
1
279.0
309.0
1
405.0
1.5
S-SMBJ300A S-SMBJ300CA 300
1
335.0
371.0
1
486.0
1.3
S-SMBJ350A S-SMBJ350CA 350
1
391.0
432.0
1
567.0
1.1
S-SMBJ400A S-SMBJ400CA 400
1
447.0
494.0
1
648.0
0.9
S-SMBJ440A S-SMBJ440CA 440
1
492.0
543.0
1
713.0
0.8
① Surge waveform: 10/1000μs
VR :Stand-off Voltage -- Maximum voltage that can be applied
VBR: Breakdown Voltage
VC:Clamping Voltage -- Peak voltage measured across the suppressor at a specified Ipp
IR: Reverse Leakage Current
Rev :
www.leiditech.com
01.06.2014
3/6
S-SMBJ Series 600W Transient Voltage Suppressor
00W Transient Voltage Suppressor



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com