Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PVM4A201B01 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # PVM4A201B01
Description  SMD Sealed Type 4mm Size PVM4 Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PVM4A201B01 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  PVM4A201B01 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PVM4A201B01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PVM4A201B01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. PVM4A201B01 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PVM4A201B01 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PVM4A201B01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PVM4 Series Notice
31
5
!Note • Please read rating and !CAUTION (for storage and operating, rating, soldering and mounting, handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specification or transact the approval sheet for product specification before ordering.
s Notice (Operating and Storage Conditions)
1. Store that the temperature is -10 to +40deg. C and
the relative humidity is 30-85%RH.
2. Do not store in or near corrosive gases.
3. Use within six months after delivery.
4. Open the package just before using.
5. Do not store under direct sunlight.
6. The trimmer potentiometer should not be used under
the following environmental conditions:
If you use the trimmer potentiometer in an
environment other these listed below, please
consult with Murata factory representative prior to
using.
(1) Corrosive gaseous atmosphere.
(Ex. Chlorine gas, Hydrogen sulfide gas, Ammonia
gas, Sulfuric acid gas, Nitric oxie gas, etc.)
(2) In liquid.
(Ex. Oil, Medical liquid, Organic solvent, etc.)
(3) Dusty/dirty atmosphere.
(4) Direct sunlight.
(5) Static voltage nor electric/magnetic fields.
(6) Direct sea breeze.
(7) Other variations of the above.
s Notice (Rating)
1. When using with partial load (rheostat), minimize
the power depend on the resistance value.
2. The maximum input voltage to a trimmer
potentiometer should not exceed (P•R)^1/2 or the
maximum operating voltage, whichever is smaller.
3. The maximum input current to a trimmer
potentiometer should not exceed (P/R)^1/2 or the
allowable wiper current, whichever is smaller.
s Notice (Soldering and Mounting)
1. Soldering
(1) Can be soldered by reflow soldering method, flow
soldering method, and soldering iron. (Incase
of flow soldering, it is necessary to clean
after soldering.)
(2) Use our standard land dimension. Excessive land
area causes displacement due to effect of the
surface tension of the solder. Insufficient
land area leads to insufficient soldering
strength of the chip.
(3) Standard soldering condition
(a) Reflow and flow soldering :
Refer to the standard temperature profile.
(b) Soldering iron:
>Temperature of tip 260deg.C max.
>Soldering time
3sec. max.
>Diameter
2mm dia. max.
>Wattage of iron
30W max.
Before using other soldering conditions than
those listed above, please consult with Murata
factory representative prior to using. If the
soldering conditions are not suitable, e. g.,
excessive time and/or excessive temperature,
the trimmer potentiometer may deviate from the
specified characteristics.
(4) Apply the appropriate amount of solder paste.
The thickness of solder paste should be printed
from 100micro m to 150micro m and the dimension
of land pattern should be used Murata's
standard land pattern at reflow soldering.
Insufficient amounts of solder can lead to
insufficient soldering strength on PCB.
Excessive amounts of solder may cause the
bridging between the terminals.
(5) The soldering iron should not come in contact
with the case of the trimmer potentiometer. If
such contact does occur, the trimmer
potentiometer may be damaged.
2. Mounting
(1) Do not apply excessive force (preferable 9.8N
(Ref.; 1kgf) max.), when the trimmer
potentiometer is mounted to the PCB.
(2) Do not warp and/or bend PC board to prevent
trimmer potentiometer from breakage.
(3) In chip placers, the recommended size of the
cylindrical pick-up nozzle should be outer
dimension 4.0mm dia. and inner dimension 2.0mm
dia..
3. Cleaning
(1) Isopropyl alcohol and Ethyl alcohol are
available material for cleaning.
For other materials, please consult with Murata
factory representative prior to using.
(2) The total cleaning time by cold dipping method
shall be less than 5 minutes.
The total cleaning time by hot dipping method
shall be less than 2 minutes.
The total cleaning time by ultrasonic washing
(conditions as below) method shall be less than
1 minutes.
Continued on the following page.
Please read rating and !CAUTION (for storage and operating, rating, soldering and mounting, handling) in this PDF catalog to prevent smoking and/or burning, etc.
This catalog has only typical specifications. Therefore, you are requested to approve our product specification or to transact the approval sheet for product specificaion before ordering.
!Note
R50E12.pdf 02.9.5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com