Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PVB5VBW Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PVB5VBW
Description  6 Pad Leadless Surface Mount or 4 Lead Thru-Hole PECL Voltage Controlled Xtal Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PVB5VBW Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PVB5VBW Datasheet HTML 1Page - List of Unclassifed Manufacturers PVB5VBW Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PVB, PVM PECL VCXO Series
6 Pad Leadless Surface Mount or
4 Lead Thru-Hole PECL Voltage Controlled Xtal Oscillator
Differential PECL Output with Enable/Disable
Standard Specifications
Part Numbering Guide
Consult factory for available frequencies and specs. Not all options available for all frequencies. A special part number may be assigned.
Frequency Stability is inclusive of frequency shifts due to calibration, temperature, supply voltage, shock, vibration and load
(425) 776 -1880, Fax: (425) 776-2760, ple-sales@pletronics.com, www.pletronics.com
20
Pl tronics, Inc.
Packaging
PVM = Tube
PVB = Tube or
24mm tape
16mm pitch
Portions of the part number that appear after the frequency may not be marked on part (C of C provided)
Mar 2004
Overall Frequency Stability
Operating Temperature Range
0 to +70°C is standard, but can be extended to
Storage Temperature Range
- 55 to +125°C
- 40 to +85°C
Supply Voltage (Vcc)
3.3 volts ± 5% standard, but 5.0 volts or 2.5 volts also available. See Test Cirucit 5.
E/D Internal Pullup
50 kohm minimum to Vcc
PVB Output Enable/Disable (E/D)
Output Enable Time
Output Disable Time
When Disabled
Output Symmetry
45/55% referenced to 50% of amplitude
Output Rise & Fall (Tr & Tf)
1.0 nS maximum when Vth is 10% and 90% of waveform
< 250 MHz = 90 mA maximum, 250 MHz and above = 100 mA maximum
Supply Current (Icc)
2.275 V minimum referenced to Ground, Vcc = 3.300V,
0.975 V minimum referenced to termination voltage,
- 1.025 V minimum referenced to Vcc
Output High Level
1.680 V maximum referenced to Ground, Vcc = 3.300V,
0.380 V maximum referenced to termination voltage,
- 1.620 V maximum referenced to Vcc
Output Low Level
6 pS RMS maximum measured from 12 kHz to 20 MHz from output frequency
Jitter
V enable
0.7 Vcc minumum referenced to Ground
0.3 Vcc maximum referenced to Ground
V disable
100 nS maximum
100 nS maximum
Output Disable Time
Q Output = Logic Low, QN Output = Logic High. Both Outputs are active
± 50 PPM,
Linerarity
Slope
Positive and montonic
Control Voltage Range (CVR)
For 5.0 Vcc, CVR = 0.5 to 4.5 V, For 3.3 Vcc, CVR = 0.0 to 3.3 V, For 2.5 Vcc, CVR = 0.0 to 2.5 V
Pullability
Pull range is defined as absolute pull range. This is the pull range about the specified oscillator frequency,
independent of supply, temperature range and load. Typical values are ± 25, ± 50 and ± 100 PPM.
± 10% typical
± 25 PPM, ± 20 PPM over Operating Temperature Range
Frequency Stability
Frequency in MHz
Frequency Deviation (Pullability) Absolute Pull Range
PVB 5 V
B V - 100.0M - XXX (Internal Code or blank)
V: ± 50 PPM
W = ± 100 PPM
Operating Temperature Range
B: 0 to +70°C
F: - 40 to +85°C
5 = ± 50 PPM
4 = ± 25 PPM
2 = ± 20 PPM
PVB = B Pkg
PVM = Metal
Model
Supply Voltage
Y = 5.0 volts ±10%
V = 3.3 volts ±5%
W = 2.5 volts ±5%
1.00 MHz – 650.00 MHz
Consult factory for higher frequencies
Pl tronics, Inc.
19013 36th Ave. W, Suite H Lynnwood, WA 98036 USA
Manufacturer of High Quality Frequency Control Products
.


Similar Part No. - PVB5VBW

ManufacturerPart #DatasheetDescription
logo
C&K Components
PVB CK-COMPONENTS-PVB Datasheet
201Kb / 5P
SMD soldering process
logo
CUI INC
PVB3-D CUI-PVB3-D Datasheet
438Kb / 6P
DC-DC CONVERTER
PVB3-D CUI-PVB3-D Datasheet
982Kb / 6P
DC-DC CONVERTER
07/20/2021
PVB3-D12-D12-D CUI-PVB3-D12-D12-D Datasheet
982Kb / 6P
DC-DC CONVERTER
07/20/2021
PVB3-D12-D15-D CUI-PVB3-D12-D15-D Datasheet
982Kb / 6P
DC-DC CONVERTER
07/20/2021
More results

Similar Description - PVB5VBW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PE2245B ETC1-PE2245B Datasheet
41Kb / 1P
10 Pad Leadless Surface Mount Clock Oscillator,see PE1145B for 6Pad
logo
Advanced Crystal Techno...
ACT5CSV-4 ACT-ACT5CSV-4 Datasheet
142Kb / 2P
6-pad miniature surface mount Voltage Controlled Crystal Oscillators (VCXO)
06/04/06
ACT8MSV ACT-ACT8MSV Datasheet
116Kb / 2P
4/6-pad surface mount Voltage Controlled Crystal Oscillators (VCXO)
06/09/04
ACT9CSV-6 ACT-ACT9CSV-6 Datasheet
159Kb / 2P
6-pad miniature surface mount Voltage Controlled Crystal Oscillators (VCXO)
17/08/04
ACT9PSV-4 ACT-ACT9PSV-4 Datasheet
109Kb / 2P
4 & 6 pad miniature surface mount Voltage Controlled Crystal Oscillators
15/11/05
logo
Connor-Winfield Corpora...
EML3213 CONNOR-WINFIELD-EML3213 Datasheet
208Kb / 2P
LEADLESS SURFACE MOUNT 3.3V PECL CLOCK
EML3313 CONNOR-WINFIELD-EML3313 Datasheet
208Kb / 2P
LEADLESS SURFACE MOUNT 3.3V PECL CLOCK
logo
Pletronics, Inc.
LV1145BV PLETRONICS-LV1145BV Datasheet
83Kb / 5P
6 Pad Leadless Surface Mount Oscillator
logo
Oscilent Corporation
489-28.0M-5DN-TTS OSCILENT-489-28.0M-5DN-TTS Datasheet
145Kb / 2P
6 Pad J-Lead Ceramic PECL Output
494-28.0M-5DN-T OSCILENT-494-28.0M-5DN-T Datasheet
134Kb / 2P
6 Pad PCB J-Lead PECL Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com