Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GC5316 Datasheet(PDF) 28 Page - Texas Instruments

Part # GC5316
Description  HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5316 Datasheet(HTML) 28 Page - Texas Instruments

Back Button GC5316 Datasheet HTML 24Page - Texas Instruments GC5316 Datasheet HTML 25Page - Texas Instruments GC5316 Datasheet HTML 26Page - Texas Instruments GC5316 Datasheet HTML 27Page - Texas Instruments GC5316 Datasheet HTML 28Page - Texas Instruments GC5316 Datasheet HTML 29Page - Texas Instruments GC5316 Datasheet HTML 30Page - Texas Instruments GC5316 Datasheet HTML 31Page - Texas Instruments GC5316 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 75 page
background image
GC5316
SLWS154A − JANUARY 2004 − REVISED MARCH 2004
www.ti.com
28
When the block is configured for a single UMTS channel, the txin_a is for I data, and txin_b carries the Q data. The
most significant bit is sent first.
The four pin mode is a less common mode. It employs another two pins from the adjacent (2k+1) DUC, sacrificing
the use of that DUC in order to allow reduced datarate on the serial pins. The I data (Imsb, Imsb−1) are carried on
txin _(2k) _a and txin _(2k)_b, while the Q data (Qmsb Qmsb−1) is carried on txin _(2k+1) _a and txin _(2k+1) _b.
Each pair of DUC blocks 2k and 2k+1 share the clock division, frame delay, sync generation, and a frame strobe
output pin.
A programmable clock divider circuit can be used to specify the serial bit rate with respect to txclk. The divider is
programmed as txclk / (1+serp_trans_clkdiv). The clock divider circuit is synchronized using a general sync block
discussed in another section of this document.
The frame sync interval can be programmed from 1 to 127 bits (which are divided clocks).
The number of bits in a word is set as (serp_tran_bits+1).
The frame strobe is an output from the gc5316 that indicates when the msb is expected. The frame strobe can be
programmed to arrive from 0 to 3-bit clocks ahead of when the msb is expected via the serp_tran_fsdel parameter.
The source must transmit all of its data before the next frame strobe is generated. Use of the frame strobe is optional
in that when the msb is expected is determined by the sync (ssel_serial).
The parameter chosen must satisfy the following constraints:
D serp_tran_fsinv x (serp_tran_clkdiv+1) = 4 x (cic_interp_decim+1)
D serp_tran_fsinv >= (serp_tran_bits+1)2 for CDMA mode
D serp_tran_fsinv >= (serp_tran_bits+1) for UMTS mode
D serp_tran_fsinv >= (serp_tran_bits+1)0.5 for four−pin mode
NOTE:For half-rate data (when serp_tran_clkdiv= 1), the MSB of the input data stream is captured on the 4th rising edge
of txclk, after txsync occurs. For full-rate data (when serp_tran_clkdiv= 0), the MSB of the input data stream is captured
on the 3rd rising edge of txclk, after txsync occurs.
Figure 23 shows the transmit serial input timing.
txclk
txsync
2txclk
tx_sync_out
MSB
MSB−1
2txclk
(programmable)
(serp_tran_fsdel= 0
serp_tran_clkdiv= 1)
txin
(serial input data)
tsu
th
tsu
th
tpd
Figure 23. Transmit Serial Input Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com