Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADIS164446BMLZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADIS164446BMLZ
Description  Compact, Precision Six Degrees of Freedom Inertial Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS164446BMLZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADIS164446BMLZ Datasheet HTML 6Page - Analog Devices ADIS164446BMLZ Datasheet HTML 7Page - Analog Devices ADIS164446BMLZ Datasheet HTML 8Page - Analog Devices ADIS164446BMLZ Datasheet HTML 9Page - Analog Devices ADIS164446BMLZ Datasheet HTML 10Page - Analog Devices ADIS164446BMLZ Datasheet HTML 11Page - Analog Devices ADIS164446BMLZ Datasheet HTML 12Page - Analog Devices ADIS164446BMLZ Datasheet HTML 13Page - Analog Devices ADIS164446BMLZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
ADIS16446
Data Sheet
Rev. 0 | Page 10 of 23
READING SENSOR DATA
The ADIS16446 provides two different options for acquiring
sensor data: the single register and the burst register. A single
register read requires two 16-bit SPI cycles. The first cycle
requests the contents of the register using the bit assignments in
Figure 10. Bit DC7 to Bit DC0 are don’t cares for a read, and then
the output register contents follow on DOUT during the second
sequence. Figure 11 includes three single register reads in
succession. In this example, the process starts with DIN =
0x0400 to request the contents of XGYRO_OUT, then follows
with 0x0600 to request YGYRO_OUT, and 0x0800 to request
ZGYRO_OUT. Full duplex operation enables processors to
use the same 16-bit SPI cycle to read data from DOUT while
requesting the next set of data on DIN. Figure 12 provides an
example of the four SPI signals when reading XGYRO_OUT in
a repeating pattern.
XGYRO_OUT
DIN
DOUT
YGYRO_OUT
ZGYRO_OUT
0x0400
0x0600
0x0800
Figure 11. SPI Read Example
SCLK
CS
DIN
DOUT
DOUT = 1111 10011101 1010 = 0xF9DA = –1574 LSBs ≥ –62.96°/sec
DIN = 0000 0100 0000 0000 = 0x0400
Figure 12. Example SPI Read, Second 16-Bit Sequence
Burst Read Function
The burst read function provides a way to read all of the data
in one continuous stream of bits (no stall time). As shown in
Figure 13, start this mode by setting DIN = 0x3E00 while
keeping CS low for 8 additional 16-bit read cycles. These
8 cycles produce the following sequence of output registers
on DOUT: DIAG_STAT, XGYRO_OUT, YGYRO_OUT,
ZGYRO_OUT, XACCL_OUT, YACCL_OUT, ZACCL_OUT,
and TEMP_OUT. Note that Figure 13 shows the first, second,
and final bytes of the burst sequence only.
GLOB_CMD
CS
SCLK
DIN
DOUT
XGYRO_OUT
DIAG_STAT
TEMP_OUT
12
3
9
Figure 13. Burst Read Sequence
SPI Read Test Sequence
Figure 14 provides a test pattern for testing SPI communication. In
this pattern, write 0x5600 to the DIN line in a repeating pattern
and raise CS in between each repeating 16-bit sequence. CS must
remain high for at least the tSTALL time listed in Table 2 in between
each 16-bit sequence. Starting with the second 16-bit sequence,
DOUT produces the contents of the PROD_ID register (see
Table 22), 0x403E.
DOUT = 0100 0000 001111110 = 0x403E = 16446 DECIMAL
DIN = 0101 0110 0000 0000 = 0x5600
SCLK
CS
DIN
DOUT HIGH-Z
HIGH-Z
Figure 14. SPI Test Read Pattern DIN = 0x5600, DOUT = 0x403E
DEVICE CONFIGURATION
The control registers in Table 8 provide users with a variety of
configuration options. The SPI provides access to these registers,
one byte at a time, using the bit assignments in Figure 10. Each
register has 16 bits, where Bits[7:0] represent the lower address,
and Bits[15:8] represent the upper address. Figure 15 provides an
example of writing 0x04 to Address 0x36 (SMPL_PRD, Bits[15:8],
using DIN = 0xB704. This example reduces the sample rate by a
factor of eight (see Table 28).
SCLK
CS
DIN
DIN = 1011 0110 0000 0100 = 0xB604, WRITES 0x04 TO ADDRESS 0x36.
Figure 15. Example SPI Write Sequence
Dual Memory Structure
Writing configuration data to a control register updates its SRAM
contents, which are volatile. After optimizing each relevant control
register setting in a system, set GLOB_CMD, Bit 3 = 1 (DIN =
0xBE08) to backup these settings in the nonvolatile flash memory.
The flash backup process requires a valid power supply level for
the entire process time, 75 ms. Table 8 provides a user register
memory map that includes a flash backup column. A yes in this
column indicates that a register has a mirror location in flash and,
when backed up properly, it automatically restores itself during
startup or after a reset. Figure 16 provides a diagram of the dual
memory structure used to manage operation and store critical
user settings.
NONVOLATILE
FLASH MEMORY
(NO SPI ACCESS)
MANUAL
FLASH
BACKUP
START-UP
RESET
VOLATILE
SRAM
SPI ACCESS
Figure 16. SRAM and Flash Memory Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com