Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADPA9002ACGZN Datasheet(PDF) 14 Page - Analog Devices

Part # ADPA9002ACGZN
Description  GaAs, pHEMT, MMIC, Single Positive Supply, DC to 10 GHz Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA9002ACGZN Datasheet(HTML) 14 Page - Analog Devices

Back Button ADPA9002ACGZN Datasheet HTML 10Page - Analog Devices ADPA9002ACGZN Datasheet HTML 11Page - Analog Devices ADPA9002ACGZN Datasheet HTML 12Page - Analog Devices ADPA9002ACGZN Datasheet HTML 13Page - Analog Devices ADPA9002ACGZN Datasheet HTML 14Page - Analog Devices ADPA9002ACGZN Datasheet HTML 15Page - Analog Devices ADPA9002ACGZN Datasheet HTML 16Page - Analog Devices ADPA9002ACGZN Datasheet HTML 17Page - Analog Devices ADPA9002ACGZN Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
ADPA9002
Data Sheet
Rev. 0 | Page 14 of 19
100
0
40
20
30
10
50
60
70
80
90
0
4
8
12
16
20
2
6
10
14
18
POUT PER TONE (dBm)
3GHz
2GHz
1GHz
10GHz
9GHz
8GHz
7GHz
6GHz
5GHz
4GHz
Figure 44. IM3 vs. POUT per Tone for Various Frequencies, Self Biased Mode,
VDD = 12 V, VGG1 = GND
60
55
20
25
35
30
40
45
50
0
12
11
10
9
8
7
6
5
4
3
2
1
FREQUENCY (GHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 45. OIP2 vs. Frequency for Various Temperatures,
POUT per Tone = 14 dBm, Self Biased, VDD = 12 V, VGG1 = GND
60
55
20
25
35
30
40
45
50
0
12
11
10
9
8
7
6
5
4
3
2
1
FREQUENCY (GHz)
300mA
400mA
SELF BIASED
500mA
Figure 46. OIP2 vs. Frequency for Various IDQ, Externally Biased Mode,
VDD = 12 V, Controlled VGG1, POUT per Tone = 14 dBm
100
0
40
20
30
10
50
60
70
80
90
0
4
8
12
16
20
2
6
10
14
18
POUT PER TONE (dBm)
3GHz
2GHz
1GHz
10GHz
9GHz
8GHz
7GHz
6GHz
5GHz
4GHz
Figure 47. IM3 vs. POUT per Tone for Various Frequencies, Self Biased Mode,
VDD = 15 V, VGG1 = GND
60
55
20
25
35
30
40
45
50
0
12
11
10
9
8
7
6
5
4
3
2
1
FREQUENCY (GHz)
10V, 375mA
12V, 385mA
15V, 410mA
Figure 48. OIP2 vs. Frequency for Various VDD and Quiescent Currents, Self
Biased Mode, VGG1 = GND, POUT per Tone = 14 dBm
60
55
50
20
30
40
35
25
45
0
12
11
10
9
8
7
6
5
4
3
2
1
FREQUENCY (GHz)
20dBm
18dBm
16dBm
14dBm
12dBm
10dBm
Figure 49. OIP2 vs. Frequency for Various POUT per Tone, Self Biased Mode,
VDD = 12 V, VGG1 = GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com